Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2625LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK2625LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2625LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK2625LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2625LS
No.7081-3/4
IT03653
IT03655
IT03654
IT03656
2
yfs -- ID
0.1
10
3
5
7
2
1.0
7
5
3
23
5
7
1.0
23
5
7
0.001
IF -- VSD
0
100
10
1.0
3
5
7
0.1
0.01
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
0.3
0.6
0.9
1.2
1.5
2
VGS(off) -- Tc
--50
6
5
4
3
--25
0
25
50
75
100
125
150
3
Ciss, Coss, Crss -- VDS
0
3
1000
7
2
5
3
2
100
7
5
5
10152025
30
IT03657
10
SW Time -- ID
35
100
7
5
3
2
7
1.0
23
5
7
10
IT03659
0
PD -- Tc
0
35
30
25
20
15
10
5
20
40
60
80
100
120
140
160
IT03660
0
PD -- Ta
0
2.5
2.0
1.5
1.0
0.5
20
40
60
80
100
120
140
160
IT03658
0.01
A S O
1.0
3
7
10
1.0
5
0.1
3
2
7
5
3
2
7
5
3
2
2
2
3
57
2
3
57
2
3
57
10
100
1000
Tc=
--25
°C
25
°C
75
°C
VDS=10V
VDS=10V
ID=1mA
VGS=0
f=1MHz
Ciss
Crss
Coss
VDD=200V
VGS=10V
td(on)
td(off)
tf
tr
IDP=16A
ID=4A
DC
Operation
Tc=25
°C
Single Pulse
<1
µs
10µ
s
100
µ
s
1ms
10ms
100ms
Operation in this
area is limited by RDS(on).
Drain Current, ID -- A
Case Temperature, Tc --
°C
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com