Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-BF Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24256-BF
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24256-BF Datasheet HTML 13Page - STMicroelectronics M24256-BF Datasheet HTML 14Page - STMicroelectronics M24256-BF Datasheet HTML 15Page - STMicroelectronics M24256-BF Datasheet HTML 16Page - STMicroelectronics M24256-BF Datasheet HTML 17Page - STMicroelectronics M24256-BF Datasheet HTML 18Page - STMicroelectronics M24256-BF Datasheet HTML 19Page - STMicroelectronics M24256-BF Datasheet HTML 20Page - STMicroelectronics M24256-BF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Device operation
Doc ID 6757 Rev 21
17/42
3.9
Identification Page Write (M24256-DR only)
The Identification page is written by issuing an ID Write instruction. This instruction uses the
same protocol and format as the Page Write in memory array, except for the following
differences:
●
Device Type Identifier = 1011b
●
MSB address bits A15/A6 are don't care except for address bit A10 which must be ‘0’.
LSB address bits A5/A0 define the byte address inside the identification page.
If the Identification page is locked, the data bytes transferred during the Identification Page
Write instruction are not acknowledged (NoAck).
3.10
Lock Identification Page (M24256-DR only)
The Lock Identification Page instruction (Lock ID) permanently locks the Identification page
in read-only mode. The Lock ID instruction is similar to Byte Write (into memory array) with
the following specific conditions:
●
Device Type Identifier = 1011b
●
Address bit A10 must be ‘1’; all other address bits are don't care
●
The data byte must be equal to the binary value xxxx xx1x, where x is don't care.
If the Identification Page is locked, the data bytes transferred during the ID Write instruction
are not acknowledged (NoAck).
3.11
ECC (error correction code) and write cycling
The M24256-Bx and M24256-DRdevices offer an ECC (error correction code) logic which
compares each 4-byte word with its six associated ECC EEPROM bits. As a result, if a
single bit out of 4 bytes of data happens to be erroneous during a Read operation, the ECC
detects it and replaces it by the correct value. The read reliability is therefore much improved
by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed byte is cycled together with the other three bytes
making up the word. It is therefore recommended to write by word (4 bytes) in order to
benefit from the larger amount of Write cycles.
The M24256-Bx and M24256-DR devices are qualified at 1 million (1 000 000) Write cycles,
using a cycling routine that writes to the device by multiples of 4-bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com