Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-BF Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24256-BF
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24256-BF Datasheet HTML 17Page - STMicroelectronics M24256-BF Datasheet HTML 18Page - STMicroelectronics M24256-BF Datasheet HTML 19Page - STMicroelectronics M24256-BF Datasheet HTML 20Page - STMicroelectronics M24256-BF Datasheet HTML 21Page - STMicroelectronics M24256-BF Datasheet HTML 22Page - STMicroelectronics M24256-BF Datasheet HTML 23Page - STMicroelectronics M24256-BF Datasheet HTML 24Page - STMicroelectronics M24256-BF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Device operation
Doc ID 6757 Rev 21
21/42
3.15
Current Address Read (in memory array)
For the Current Address Read operation, following a Start condition, the bus master only
sends a device select code with the Read/Write bit (RW) set to 1. The device acknowledges
this, and outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a Stop condition, as shown in
Figure 11, without acknowledging the byte.
3.16
Sequential Read
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition, as shown in Figure 11.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output. After the last memory address, the
address counter ‘rolls-over’, and the device continues to output data from memory address
00h.
3.17
Read Identification Page
This instruction uses the same protocol and format as the Random Address Read (in
memory array) instruction. The only differences between the two instructions are that, in the
Read Identification Page instruction:
●
the device type identifier = 1011b
●
MSB address bits A15/A6 are don't care except for address bit A10 which must be ‘0’.
LSB address bits A5/A0 define the byte address inside the identification page. During a
Read Identification Page instruction, the (A5/A0) address should not exceed 3Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com