Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6281 Datasheet(PDF) 15 Page - National Instruments Corporation

Part # USB-6281
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6281 Datasheet(HTML) 15 Page - National Instruments Corporation

Back Button USB-6281 Datasheet HTML 11Page - National Instruments Corporation USB-6281 Datasheet HTML 12Page - National Instruments Corporation USB-6281 Datasheet HTML 13Page - National Instruments Corporation USB-6281 Datasheet HTML 14Page - National Instruments Corporation USB-6281 Datasheet HTML 15Page - National Instruments Corporation USB-6281 Datasheet HTML 16Page - National Instruments Corporation USB-6281 Datasheet HTML 17Page - National Instruments Corporation USB-6281 Datasheet HTML 18Page - National Instruments Corporation USB-6281 Datasheet HTML 19Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
© National Instruments Corporation
15
NI USB-622x/625x/628x OEM User Guide
Replacing Fuses
USB-622x/625x/628x OEM devices have a replaceable T 2A 250V
(5
× 20 mm) fuse that protects the device from overcurrent through the
power connector.
(USB-628x Devices Only)
USB-628x OEM devices also have a replaceable
F 2A 125V fuse that protects the device from overcurrent through the +5 V
terminal(s).
Replacement fuse information can be found in Table 1. To replace a broken
fuse in USB-622x/625x/628x OEM devices, complete the following steps.
1.
Power down and unplug the device.
2.
Replace the broken fuse while referring to Figure 13 for the fuse
locations.
Figure 13. USB-622x/625x/628x OEM Fuse Locations
1
T 2A 250V (5 x 20 mm) Fuse
2F
2A 125V Fuse on USB-628x OEM Devices
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com