Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6281 Datasheet(PDF) 18 Page - National Instruments Corporation

Part # USB-6281
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6281 Datasheet(HTML) 18 Page - National Instruments Corporation

Back Button USB-6281 Datasheet HTML 14Page - National Instruments Corporation USB-6281 Datasheet HTML 15Page - National Instruments Corporation USB-6281 Datasheet HTML 16Page - National Instruments Corporation USB-6281 Datasheet HTML 17Page - National Instruments Corporation USB-6281 Datasheet HTML 18Page - National Instruments Corporation USB-6281 Datasheet HTML 19Page - National Instruments Corporation USB-6281 Datasheet HTML 20Page - National Instruments Corporation USB-6281 Datasheet HTML 21Page - National Instruments Corporation USB-6281 Datasheet HTML 22Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
NI USB-622x/625x/628x OEM User Guide
18
ni.com
Note
New security updates to Microsoft Vista and NI-DAQ 8.6 or later create random INF
files for NI hardware. Windows assigns random file numbers to all INF files, which causes
the user to search through several INF files until the correct file is located.
If you want to revert back, save a copy of this file as
OEM
x_original.inf
in a different location.
2.
Edit the device INF file by opening OEMx.inf with a text editor.
At the bottom of this file are the descriptors where Windows looks to
identify the device. Locate the two lines of text that contain in quotes
the descriptors for the device name you are modifying. Change the
descriptor on both lines to the new device name, as shown in Figure 15.
Figure 15. INF File Descriptors Changed to “My Device” (Windows Vista/XP)
3.
Save and close the INF file.
4.
Go to the Windows Device Manager.
(Windows Vista)
In the Device Manager, notice that the OEM device
now appears as My Device, as shown in Figure 16.
(Windows XP)
In the Device Manager, right-click the OEM device under
Data Acquisition Devices, and select Uninstall. Power down the OEM
device and disconnect the USB cable from your PC.
Original File
Modified File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com