Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41210 Datasheet(PDF) 21 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 41210 Datasheet HTML 17Page - Intel Corporation 41210 Datasheet HTML 18Page - Intel Corporation 41210 Datasheet HTML 19Page - Intel Corporation 41210 Datasheet HTML 20Page - Intel Corporation 41210 Datasheet HTML 21Page - Intel Corporation 41210 Datasheet HTML 22Page - Intel Corporation 41210 Datasheet HTML 23Page - Intel Corporation 41210 Datasheet HTML 24Page - Intel Corporation 41210 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Datasheet — 41210 Bridge
21
3.1.6.2
Differential Receiver (RX) DC Input Specifications
Table 16 defines the DC specifications of parameters for all differential Receivers (RXs). The
parameters are specified at the component pins.
1. Specified at the measurement point and measured over any 250 consecutive UIs. The test load in Figure 2,
“Compliance Test/Measurement Load” on page 23 should be used as the RX device when taking
measurements (also refer to the Receiver Compliance Eye Diagram as shown in Figure 3, “Minimum
Receiver Eye Timing and Voltage Compliance Specification” on page 23). If the clocks to the RX and TX are
not derived from the same clock chip the TX UI must be used as a reference for the eye diagram.
2. The receiver input impedance shall result in a differential return loss greater than or equal to 15 dB and a
common mode return loss greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This
input impedance requirement applies to all valid input levels. The reference impedance for return loss
measurements for is 50
Ω to ground for both the D+ and D- line (i.e., as measured by a Vector Network
Analyzer with 50
Ω probes - see Figure 2). Note: that the series capacitors C
TX is optional for the return loss
measurement.
3. Impedance during all operating conditions.
4. The Rx DC Common Mode Impedance that must be present when the receiver terminations are first enabled
to ensure that the Receiver Detect occurs properly. Compensation of this impedance can start immediately
and the (ZRX-COM-DC)RxDC Common Mode Impedance must be with in the specified range by the time
Detect is entered.
5. The Rx DC Common Mode Impedance that exists when the receiver terminations are disabled or when no
power is present. This helps ensure that the Receiver Detect circuit will not falsely assume a receiver is
powered on when it is not.
Table 16.
Differential Receiver (RX) DC Input Specifications
Symbol
Parameter
Min
Nom
Max
Units
Comments
VRX-DIFFp-p
Differential Input
Peak to Peak
Voltage
0.17
5
1.20
0
V
VRX-DIFFp-p = 2*|VRX-D+ - VRX-D-|
See Note 1.
VRX-CM-ACp
AC Peak Common
Mode Input Voltage
150
mV
VRX-CM-AC=
|VRX-D+ + VRX-D-|/2– VRX-CM-DC
VRX-CM-DC =
DC(avg) of |VRX-D++VRX-D-|/2 during L0
See Note 1.
RLRX-DIFF
Differential Return
Loss
15
dB
Measured over 50 MHz to 1.25 GHz
See Note 2.
RLRX-CM
Common Mode
Return Loss
6dB
Measured over 50 MHz to 1.25 GHz
See Note 2
ZRX-DIFF-DC
DC Differential Input
Impedance
80
100
120
W
RX DC Differential Mode impedance.
See Note 3.
ZRX-COM-
DC
DC Input Common
Mode Input
Impedance
40
50
60
W
RX DC Common Mode impedance 50
?+/-20% tolerance.
See Notes 1 and 3.
ZRX-COM-
INITIAL-DC
Initial DC Input
Common Mode
Input Impedance
550
60
W
RX DC Common Mode impedance
allowed when the receiver terminations
are first powered on.
See Note 4.
ZRX-COM-
HIGH-IMP-
DC
Powered Down DC
Input Common
Mode Input
Impedance
200 k
W
RX DC Common Mode impedance when
the receiver terminations are not
powered (i.e., no power).
See Note 5.
VRX-IDLE-
DET-DIFFp-
p
Electrical Idle
Detect Threshold
65
175
mV
VRX-IDLE-DET-DIFFp-p =2*|VRX-D+ - VRX-D-|
Measured at the package pins of the
Receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com