Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41210 Datasheet(PDF) 39 Page - Intel Corporation

Part # 41210
Description  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 41210 Datasheet HTML 35Page - Intel Corporation 41210 Datasheet HTML 36Page - Intel Corporation 41210 Datasheet HTML 37Page - Intel Corporation 41210 Datasheet HTML 38Page - Intel Corporation 41210 Datasheet HTML 39Page - Intel Corporation 41210 Datasheet HTML 40Page - Intel Corporation 41210 Datasheet HTML 41Page - Intel Corporation 41210 Datasheet HTML 42Page - Intel Corporation 41210 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Datasheet — 41210 Bridge
39
Table 30.
41210 Bridge Thermal Specifications
Note:
Mode 1: PCI-X 66MHz, 64-bit, 4 slots/devices
No Connect: Unused PCI segment (no slots/devices on PCI bus segment)
3.9.3
Thermal Solution Component Suppliers
3.9.3.1
Torsional Clip Heatsink Thermal Solution
Note:
The enabled components may not be currently available from all suppliers. Contact the supplier
directly to verify time of component availability.
Parameter
Maxinum
Tcase
105×C
TDPMode#1/Mode#1
8.70W
TDPMode#1/No Connect
8.30W
TDPDDR/No Connect
8.10W
Part
Intel Part Number
Supplier
(Part Number)
Contact Information
Heatsink Assembly includes:
Unidirectional Fin Heatsink
Thermal Interface Material
Torsional Clip
C76435-001
CCI/ACK
Harry Lin (USA)
714-739-5797
hlinack@aol.com
Monica Chih (Taiwan)
866-2-29952666, x131
monica_chih@ccic.com.tw
Unidirectional Fin Heatsink
(31.0 x 31.0 x 12.2mm)
C76434-001
CCI/ACK
Harry Lin (USA)
714-739-5797
hlinack@aol.com
Monica Chih (Taiwan)
866-2-29952666, x131
monica_chih@ccic.com.tw
Thermal Interface
(Chomerics T-710)
A69230-001
Chomerics
69-12-22066-T710
Todd Sousa (USA)
360-606-8171
tsousa@parker.com
Heatsink Attach Clip
C17725-001
CCI/ACK
Harry Lin (USA)
714-739-5797
hlinack@aol.com
Monica Chih (Taiwan)
866-2-29952666, x131
monica_chih@ccic.com.tw
Solder-Down Anchor
A13494-005
Foxconn
(HB96030-DW)
Julia Jiang (USA)
408-919-6178
juliaj@foxconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com