Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3000 Datasheet(PDF) 14 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 3000 Datasheet HTML 10Page - Intel Corporation 3000 Datasheet HTML 11Page - Intel Corporation 3000 Datasheet HTML 12Page - Intel Corporation 3000 Datasheet HTML 13Page - Intel Corporation 3000 Datasheet HTML 14Page - Intel Corporation 3000 Datasheet HTML 15Page - Intel Corporation 3000 Datasheet HTML 16Page - Intel Corporation 3000 Datasheet HTML 17Page - Intel Corporation 3000 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
Electrical Specifications
16
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
2.2.3
FSB Decoupling
The processor integrates signal termination on the die. In addition, some of the high
frequency capacitance required for the FSB is included on the processor package.
However, additional high frequency capacitance must be added to the motherboard to
properly decouple the return currents from the front side bus. Bulk decoupling must
also be provided by the motherboard for proper [A]GTL+ bus operation.
2.3
Voltage Identification
The Voltage Identification (VID) specification for the processor is defined by the Voltage
Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines For Desktop
LGA775 Socket. The voltage set by the VID signals is the reference VR output voltage
to be delivered to the processor VCC pins (see Chapter 2.6.3 for VCC overshoot
specifications). Refer to Table 2-13 for the DC specifications for these signals. Voltages
for each processor frequency is provided in Table 2-4.
Individual processor VID values may be calibrated during manufacturing such that two
devices at the same core speed may have different default VID settings. This is
reflected by the VID Range values provided in Table 2-4. Refer to the Dual-Core Intel®
Xeon® processor 3000 Series Specification Update for further details on specific valid
core frequency and VID values of the processor. Note this differs from the VID
employed by the processor during a power management event (Thermal Monitor 2,
Enhanced Intel SpeedStep® Technology, or Extended HALT State).
The processor uses six voltage identification signals, VID[6:1], to support automatic
selection of power supply voltages. Table 2-1 specifies the voltage level corresponding
to the state of VID[6:1]. A ‘1’ in this table refers to a high voltage level and a ‘0’ refers
to a low voltage level. If the processor socket is empty (VID[6:1] = 111111), or the
voltage regulation circuit cannot supply the voltage that is requested, it must disable
itself. The Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design
Guidelines For Desktop LGA775 Socket defines VID [7:0], VID7 and VID0 are not used
on the processor; VID0 and VID7 are strapped to VSS on the processor package. VID0
and VID7 must be connected to the VR controller for compatibility with future
processors.
The processor provides the ability to operate while transitioning to an adjacent VID and
its associated processor core voltage (VCC). This will represent a DC shift in the load
line. It should be noted that a low-to-high or high-to-low voltage state change may
result in as many VID transitions as necessary to reach the target core voltage.
Transitions above the specified VID are not permitted. Table 2-4 includes VID step sizes
and DC shift ranges. Minimum and maximum voltages must be maintained as shown in
Table 2-5 and Figure 2-1 as measured across the VCC_SENSE and VSS_SENSE lands.
The VRM or VRD used must be capable of regulating its output to the value defined by
the new VID. DC specifications for dynamic VID transitions are included in Table 2-4
and Table 2-5. Refer to the Voltage Regulator-Down (VRD) 11.0 Processor Power
Delivery Design Guidelines For Desktop LGA775 Socket for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com