Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3000 Datasheet(PDF) 21 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 3000 Datasheet HTML 17Page - Intel Corporation 3000 Datasheet HTML 18Page - Intel Corporation 3000 Datasheet HTML 19Page - Intel Corporation 3000 Datasheet HTML 20Page - Intel Corporation 3000 Datasheet HTML 21Page - Intel Corporation 3000 Datasheet HTML 22Page - Intel Corporation 3000 Datasheet HTML 23Page - Intel Corporation 3000 Datasheet HTML 24Page - Intel Corporation 3000 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
23
Electrical Specifications
Notes:
1.
The loadline specification includes both static and transient limits except for overshoot allowed as shown in
Section 2.6.3.
2.
This loadline specification shows the deviation from the VID set point.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE lands. Voltage
regulation feedback for voltage regulator circuits must be taken from processor VCC and VSS lands. Refer
to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines For Desktop
LGA775 Socket for socket loadline guidelines and VR implementation details.
65
-0.091
-0.118
-0.145
70
-0.098
-0.126
-0.154
75
-0.105
-0.133
-0.162
Notes:
1. The loadline specification includes both static and transient limits except for overshoot allowed as shown in
Section 2.6.3.
2. This table is intended to aid in reading discrete points on Figure 2-2.
3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE lands. Voltage
regulation feedback for voltage regulator circuits must be taken from processor VCC and VSS lands. Refer to
the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines For Desktop LGA775
Socket for socket loadline guidelines and VR implementation details.
4. Adherence to this loadline specification is required to ensure reliable processor operation.
Table 2-6.
VCC Static and Transient Tolerance for Processors with 2 MB L2 Cache
(Sheet 2 of 2)
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
Maximum Voltage
1.40 mΩ
Typical Voltage
1.53 mΩ
Minimum Voltage
1.65 mΩ
Figure 2-2. VCC Static and Transient Tolerance for Processors with 2 MB L2 Cache
VID - 0.000
VID - 0.013
VID - 0.025
VID - 0.038
VID - 0.050
VID - 0.063
VID - 0.075
VID - 0.088
VID - 0.100
VID - 0.113
VID - 0.125
VID - 0.138
VID - 0.150
VID - 0.163
VID - 0.175
0
10
203040
50
60
70
Icc [A]
Vcc Maximum
Vcc Typical
Vcc Minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com