Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

420 Datasheet(PDF) 21 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 420 Datasheet HTML 17Page - Intel Corporation 420 Datasheet HTML 18Page - Intel Corporation 420 Datasheet HTML 19Page - Intel Corporation 420 Datasheet HTML 20Page - Intel Corporation 420 Datasheet HTML 21Page - Intel Corporation 420 Datasheet HTML 22Page - Intel Corporation 420 Datasheet HTML 23Page - Intel Corporation 420 Datasheet HTML 24Page - Intel Corporation 420 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Datasheet
21
Electrical Specifications
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot
allowed as shown in Section 2.6.3.
2.
This loadline specification shows the deviation from the VID set point.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and
VSS_SENSE lands. Voltage regulation feedback for voltage regulator circuits must be taken
from processor VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 11 Design
Guide For Desktop and Transportable LGA775 for socket loadline guidelines and VR
implementation details.
2.6.3
V
CC Overshoot
The processor can tolerate short transient overshoot events where VCC exceeds the VID
voltage when transitioning from a high to low current load condition. This overshoot
cannot exceed VID + VOS_MAX (VOS_MAX is the maximum allowable overshoot voltage).
The time duration of the overshoot event must not exceed TOS_MAX (TOS_MAX is the
maximum allowable time duration above VID). These specifications apply to the
processor die voltage as measured across the VCC_SENSE and VSS_SENSE lands.
Figure 1.
VCC Static and Transient Tolerance
VID - 0.000
VID - 0.013
VID - 0.025
VID - 0.038
VID - 0.050
VID - 0.063
VID - 0.075
VID - 0.088
VID - 0.100
VID - 0.113
VID - 0.125
VID - 0.138
VID - 0.150
010
20
30
Icc [A]
Vcc Maximum
Vcc Typical
Vcc Minimum
Table 7.
VCC Overshoot Specifications
Symbol
Parameter
Min
Max
Unit
Figure
Notes
VOS_MAX
Magnitude of VCC overshoot above
VID
—50
mV
2
1
NOTES:
1.
Adherence to these specifications is required to ensure reliable processor operation.
TOS_MAX
Time duration of VCC overshoot above
VID
—25
μs
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com