Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

420 Datasheet(PDF) 39 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 420 Datasheet HTML 35Page - Intel Corporation 420 Datasheet HTML 36Page - Intel Corporation 420 Datasheet HTML 37Page - Intel Corporation 420 Datasheet HTML 38Page - Intel Corporation 420 Datasheet HTML 39Page - Intel Corporation 420 Datasheet HTML 40Page - Intel Corporation 420 Datasheet HTML 41Page - Intel Corporation 420 Datasheet HTML 42Page - Intel Corporation 420 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Datasheet
39
Package Mechanical Specifications
3.2
Processor Component Keep-Out Zones
The processor may contain components on the substrate that define component keep-
out zone requirements. A thermal and mechanical solution design must not intrude into
the required keep-out zones. Decoupling capacitors are typically mounted to either the
topside or land-side of the package substrate. See Figure 9 and Figure 10 for keep-out
zones. The location and quantity of package capacitors may change due to
manufacturing efficiencies but will remain within the component keep-in.
3.3
Package Loading Specifications
Table 20 provides dynamic and static load specifications for the processor package.
These mechanical maximum load limits should not be exceeded during heatsink
assembly, shipping conditions, or standard use condition. Also, any mechanical system
or component testing should not exceed the maximum limits. The processor package
substrate should not be used as a mechanical reference or load-bearing surface for
thermal and mechanical solution. The minimum loading specification must be
maintained by any thermal and mechanical solutions.
.
NOTES:
1.
These specifications apply to uniform compressive loading in a direction normal to the
processor IHS.
2.
This is the maximum force that can be applied by a heatsink retention clip. The clip must
also provide the minimum specified load on the processor package.
3.
These specifications are based on limited testing for design characterization. Loading limits
are for the package only and do not include the limits of the processor socket.
4.
Dynamic loading is defined as an 11 ms duration average load superimposed on the static
load requirement.
3.4
Package Handling Guidelines
Table 21 includes a list of guidelines on package handling in terms of recommended
maximum loading on the processor IHS relative to a fixed substrate. These package
handling loads may be experienced during heatsink removal.
NOTES:
1.
A shear load is defined as a load applied to the IHS in a direction parallel to the IHS top
surface.
2.
A tensile load is defined as a pulling load applied to the IHS in a direction normal to the
IHS surface.
3.
A torque load is defined as a twisting load applied to the IHS in an axis of rotation normal
to the IHS top surface.
4.
These guidelines are based on limited testing for design characterization.
Table 20.
Processor Loading Specifications
Parameter
Minimum
Maximum
Notes
Static
80 N [17 lbf]
311 N [70 lbf]
1, 2, 3
Dynamic
-
756 N [170 lbf]
1, 3, 4
Table 21.
Package Handling Guidelines
Parameter
Maximum Recommended
Notes
Shear
311 N [70 lbf]
1, 4
Tensile
111 N [25 lbf]
2, 4
Torque
3.95 N-m [35 lbf-in]
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com