Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2000 Datasheet(PDF) 10 Page - Intel Corporation

Part # E2000
Description  Intel Pentium Dual-Core Desktop Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E2000 Datasheet(HTML) 10 Page - Intel Corporation

Back Button E2000 Datasheet HTML 6Page - Intel Corporation E2000 Datasheet HTML 7Page - Intel Corporation E2000 Datasheet HTML 8Page - Intel Corporation E2000 Datasheet HTML 9Page - Intel Corporation E2000 Datasheet HTML 10Page - Intel Corporation E2000 Datasheet HTML 11Page - Intel Corporation E2000 Datasheet HTML 12Page - Intel Corporation E2000 Datasheet HTML 13Page - Intel Corporation E2000 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Introduction
10
Datasheet
1.1.1
Processor Terminology
Commonly used terms are explained here for clarification:
• Intel® Pentium® Dual-Core Desktop processor E2000 series — Dual core
processor in the FC-LGA6 package with a 1 MB L2 cache.
• Processor — For this document, the term processor is the generic form of the
Intel® Pentium® Dual-Core Desktop processor E2000 series. The processor is a
single package that contains one or more execution units.
• Keep-out zone — The area on or near the processor that system design can not
use.
• Processor core — Processor core die with integrated L2 cache.
• LGA775 socket — The processors mate with the system board through a surface
mount, 775-land, LGA socket.
• Integrated heat spreader (IHS) —A component of the processor package used
to enhance the thermal performance of the package. Component thermal solutions
interface with the processor at the IHS surface.
• Retention mechanism (RM) — Since the LGA775 socket does not include any
mechanical features for heatsink attach, a retention mechanism is required.
Component thermal solutions should attach to the processor via a retention
mechanism that is independent of the socket.
• FSB (Front Side Bus) — The electrical interface that connects the processor to
the chipset. Also referred to as the processor system bus or the system bus. All
memory and I/O transactions as well as interrupt messages pass between the
processor and chipset over the FSB.
• Storage conditions — Refers to a non-operational state. The processor may be
installed in a platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor lands should not be
connected to any supply voltages, have any I/Os biased, or receive any clocks.
Upon exposure to “free air”(i.e., unsealed packaging or a device removed from
packaging material) the processor must be handled in accordance with moisture
sensitivity labeling (MSL) as indicated on the packaging material.
• Functional operation — Refers to normal operating conditions in which all
processor specifications, including DC, AC, system bus, signal quality, mechanical
and thermal are satisfied.
• Execute Disable Bit — The Execute Disable bit allows memory to be marked as
executable or non-executable, when combined with a supporting operating system.
If code attempts to run in non-executable memory the processor raises an error to
the operating system. This feature can prevent some classes of viruses or worms
that exploit buffer over run vulnerabilities and can thus help improve the overall
security of the system. See the Intel® Architecture Software Developer's Manual
for more detailed information.
• Intel® 64 Architecture — An enhancement to Intel's IA-32 architecture, allowing
the processor to execute operating systems and applications written to take
advantage of the Intel 64 architecture. Further details on Intel 64 architecture and
programming model can be found in the Intel Extended Memory 64 Technology
Software Developer Guide at http://developer.intel.com/technology/
64bitextensions/.
• Enhanced Intel SpeedStep® Technology — Enhanced Intel SpeedStep
technology allows trade-offs to be made between performance and power
consumptions, based on processor utilization. This may lower average power
consumption (in conjunction with OS support).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com