Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2000 Datasheet(PDF) 100 Page - Intel Corporation

Part # E2000
Description  Intel Pentium Dual-Core Desktop Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E2000 Datasheet(HTML) 100 Page - Intel Corporation

Back Button E2000 Datasheet HTML 96Page - Intel Corporation E2000 Datasheet HTML 97Page - Intel Corporation E2000 Datasheet HTML 98Page - Intel Corporation E2000 Datasheet HTML 99Page - Intel Corporation E2000 Datasheet HTML 100Page - Intel Corporation E2000 Datasheet HTML 101Page - Intel Corporation E2000 Datasheet HTML 102Page - Intel Corporation E2000 Datasheet HTML 103Page - Intel Corporation E2000 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Boxed Processor Specifications
100
Datasheet
7.3.2
Fan Speed Control Operation (Intel® Pentium® Dual-Core
Desktop Processor E2000 Series)
If the boxed processor fan heatsink 4-pin connector is connected to a 3-pin
motherboard header it will operate as follows:
The boxed processor fan will operate at different speeds over a short range of
internal chassis temperatures. This allows the processor fan to operate at a lower
speed and noise level, while internal chassis temperatures are low. If internal
chassis temperature increases beyond a lower set point, the fan speed will rise
linearly with the internal temperature until the higher set point is reached. At that
point, the fan speed is at its maximum. As fan speed increases, so does fan noise
levels. Systems should be designed to provide adequate air around the boxed
processor fan heatsink that remains cooler than a lower set point. These set points,
represented in Figure 31 and Table 35, can vary by a few degrees from fan heatsink
to fan heatsink. The internal chassis temperature should be kept below 38 ºC.
Meeting the processor's temperature specification (see Chapter 5) is the
responsibility of the system integrator.
The motherboard must supply a constant +12 V to the processor's power header to
ensure proper operation of the variable speed fan for the boxed processor. Refer to
Table 35 for the specific requirements.
Figure 31.
Boxed Processor Fan Heatsink Set Points
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com