Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2000 Datasheet(PDF) 101 Page - Intel Corporation

Part # E2000
Description  Intel Pentium Dual-Core Desktop Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E2000 Datasheet(HTML) 101 Page - Intel Corporation

Back Button E2000 Datasheet HTML 96Page - Intel Corporation E2000 Datasheet HTML 97Page - Intel Corporation E2000 Datasheet HTML 98Page - Intel Corporation E2000 Datasheet HTML 99Page - Intel Corporation E2000 Datasheet HTML 100Page - Intel Corporation E2000 Datasheet HTML 101Page - Intel Corporation E2000 Datasheet HTML 102Page - Intel Corporation E2000 Datasheet HTML 103Page - Intel Corporation E2000 Datasheet HTML 104Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Datasheet
101
Boxed Processor Specifications
If the boxed processor fan heatsink 4-pin connector is connected to a 4-pin
motherboard header and the motherboard is designed with a fan speed controller with
PWM output (CONTROL see Table 34) and remote thermal diode measurement
capability the boxed processor will operate as follows:
As processor power has increased the required thermal solutions have generated
increasingly more noise. Intel has added an option to the boxed processor that allows
system integrators to have a quieter system in the most common usage.
The 4th wire PWM solution provides better control over chassis acoustics. This is
achieved by more accurate measurement of processor die temperature through the
processor's temperature diode (T-diode). Fan RPM is modulated through the use of an
ASIC located on the motherboard that sends out a PWM control signal to the 4th pin of
the connector labeled as CONTROL. The fan speed is based on actual processor
temperature instead of internal ambient chassis temperatures.
If the new 4-pin active fan heat sink solution is connected to an older 3-pin baseboard
CPU fan header it will default back to a thermistor controlled mode, allowing
compatibility with existing 3-pin baseboard designs. Under thermistor controlled mode,
the fan RPM is automatically varied based on the Tinlet temperature measured by a
thermistor located at the fan inlet.
For more details on specific motherboard requirements for 4-wire based fan speed
control see the appropriate Thermal and Mechanical Design Guidelines (see
Section 1.2).
§ §§
Table 35.
Fan Heatsink Power and Signal Specifications
Boxed Processor Fan
Heatsink Set Point (ºC)
Boxed Processor Fan Speed
Notes
X ≤ 30
When the internal chassis temperature is below or equal to
this set point, the fan operates at its lowest speed.
Recommended maximum internal chassis temperature for
nominal operating environment.
1
NOTES:
1. Set point variance is approximately ± 1 °C from fan heatsink to fan heatsink.
Y = 35
When the internal chassis temperature is at this point, the
fan operates between its lowest and highest speeds.
Recommended maximum internal chassis temperature for
worst-case operating environment.
-
Z ≥ 38
When the internal chassis temperature is above or equal to
this set point, the fan operates at its highest speed.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com