Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMN6G/PC Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95320-RMN6G/PC
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMN6G/PC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95320-RMN6G/PC Datasheet HTML 14Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 15Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 16Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 17Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 18Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 19Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 20Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 21Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Instructions
M95320, M95320-W, M95320-R
18/44
Doc ID 5711 Rev 12
6.3
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Write or Write Status Register cycle
is in progress. When one of these cycles is in progress, it is recommended to check the
Write In Progress (WIP) bit before sending a new instruction to the device. It is also possible
to read the Status Register continuously, as shown in Figure 9.
The Status Register format is shown in Table 4 and the status and control bits of the Status
Register are as follows:
6.3.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write
Status Register cycle. When set to 1, such a cycle is in progress, when reset to 0 no such
cycle is in progress.
6.3.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable
Latch is reset and no Write or Write Status Register instruction is accepted.
6.3.3
BP1, BP0 bits
The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Write instructions. These bits are written with the Write Status
Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to
1, the relevant memory area (as defined in Table 4) becomes protected against Write
(WRITE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the
Hardware Protected mode has not been set.
6.3.4
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W)
signal allow the device to be put in the Hardware Protected mode (when the Status Register
Write Disable (SRWD) bit is set to 1, and Write Protect (W) is driven low). In this mode, the
non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits and the
Write Status Register (WRSR) instruction is no longer accepted for execution.
Table 4.
Status Register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect bits
Write Enable Latch bit
Write In Progress bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com