Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMN6G/PC Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95320-RMN6G/PC
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMN6G/PC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95320-RMN6G/PC Datasheet HTML 15Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 16Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 17Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 18Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 19Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 20Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 21Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 22Page - STMicroelectronics M95320-RMN6G/PC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
M95320, M95320-W, M95320-R
Instructions
Doc ID 5711 Rev 12
19/44
Figure 9.
Read Status Register (RDSR) sequence
6.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed.
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) low,
sending the instruction code followed by the data byte on Serial Data input (D), and driving
the Chip Select (S) signal high. Chip Select (S) must be driven high after the rising edge of
Serial Clock (C) that latches in the eighth bit of the data byte, and before the next rising edge
of Serial Clock (C). Otherwise, the Write Status Register (WRSR) instruction is not
executed.
Driving the Chip Select (S) signal high at a byte boundary of the input data triggers the self-
timed write cycle that takes tW to complete (as specified in Table 17, Table 18, Table 19,
Table 20). The instruction sequence is shown in Figure 10.
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write in progress (WIP) bit: the WIP bit is 1 during the self-timed write
cycle tW, and is 0 when the write cycle is complete. The WEL bit (Write enable latch) is also
reset at the end of the write cycle tW.
The Write Status Register (WRSR) instruction allows the user to change the values of the
BP1, BP0 bits and the SRWD bit:
●
The Block protect (BP1, BP0) bits define the size of the area that is to be treated as
read only, as defined in Table 2.
●
The SRWD bit (Status register write disable bit), in accordance with the signal read on
the Write protect pin (W), allows the user to set or reset the write protection mode of the
Status Register itself, as shown in Table 5. When in the Write-protected mode, the
Write Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the
WRSR instruction, including the tW write cycle.
The Write Status Register (WRSR) instruction has no effect on the b6, b5, b4, b1 and b0
bits in the Status Register. Bits b6, b5, b4 are always read as 0.
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com