Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-MN6TG/PC Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95128-MN6TG/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MN6TG/PC Datasheet(HTML) 1 Page - STMicroelectronics

  M95128-MN6TG/PC Datasheet HTML 1Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 2Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 3Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 4Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 5Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 6Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 7Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 8Page - STMicroelectronics M95128-MN6TG/PC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
March 2010
Doc ID 5798 Rev 13
1/44
1
M95128
M95128-W M95128-R
128 Kbit serial SPI bus EEPROM
with high speed clock
Features
■ Compatible with SPI bus serial interface
(positive clock SPI modes)
■ Single supply voltage:
– 4.5 to 5.5 V for M95128
– 2.5 to 5.5 V for M95128-W
– 1.8 to 5.5 V for M95128-R
■ High speed
– 10 MHz clock rate, 5 ms write time
■ Status Register
■ Hardware protection of the Status Register
■ Byte and Page Write (up to 64 bytes)
■ Self-timed programming cycle
■ Adjustable size read-only EEPROM area
■ Enhanced ESD protection
■ More than 1 000 000 write cycles
■ More than 40-year data retention
■ Packages
–ECOPACK2® (RoHS compliant and
Halogen-free)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2 × 3 mm
www.st.com


Similar Part No. - M95128-MN6TG/PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-MN6TG/P STMICROELECTRONICS-M95128-MN6TG/P Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
More results

Similar Description - M95128-MN6TG/PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95128 STMICROELECTRONICS-M95128_06 Datasheet
321Kb / 41P
128 Kbit Serial SPI bus EEPROM with high speed clock
27-Jun-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95128-RMB6TG STMICROELECTRONICS-M95128-RMB6TG Datasheet
681Kb / 49P
128-Kbit serial SPI bus EEPROM with high-speed clock
19-Dec-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com