Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RDW6G/PC Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95320-RDW6G/PC
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RDW6G/PC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95320-RDW6G/PC Datasheet HTML 28Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 29Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 30Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 31Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 32Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 33Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 34Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 35Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
DC and AC parameters
M95320, M95320-W, M95320-R
32/44
Doc ID 5711 Rev 12
Table 19.
AC characteristics (M95320-W, device grade 3)
Test conditions specified in Table 9 and Table 11
Symbol
Alt.
Parameter
2.5 V to 5.5 V
3.0 V to 5.5 V(1)
Unit
Min.
Max.
Min.
Max.
fC
fSCK
Clock frequency
D.C.
5
D.C.
10
MHz
tSLCH
tCSS1 S active setup time
90
30
ns
tSHCH
tCSS2 S not active setup time
90
30
ns
tSHSL
tCS
S deselect time
100
40
ns
tCHSH
tCSH
S active hold time
90
30
ns
tCHSL
S not active hold time
90
30
ns
tCH
(2)
tCLH
Clock high time
90
42
ns
tCL
(2)
tCLL
Clock low time
90
40
ns
tCLCH
(3)
tRC
Clock rise time
1
2
µs
tCHCL
(3)
tFC
Clock fall time
1
2
µs
tDVCH
tDSU
Data in setup time
20
10
ns
tCHDX
tDH
Data in hold time
30
10
ns
tHHCH
Clock low hold time after HOLD not active
70
30
ns
tHLCH
Clock low hold time after HOLD active
40
30
ns
tCLHL
Clock low set-up time before HOLD active
0
0
ns
tCLHH
Clock low set-up time before HOLD not active
0
0
ns
tSHQZ
(3)
tDIS
Output disable time
100
40
ns
tCLQV
(4)
tV
Clock low to output valid
60
40
ns
tCLQX
tHO
Output hold time
0
0
ns
tQLQH
(3)
tRO
Output rise time
50
40
ns
tQHQL
(3)
tFO
Output fall time
50
40
ns
tHHQV
tLZ
HOLD high to output valid
50
40
ns
tHLQZ
(3)
tHZ
HOLD low to output high-Z
100
40
ns
tW
tWC
Write time
5
5
ms
1.
These timings are offered with grade3 devices referenced with “/PC” process letters only (see the last digits in the Part
numbering).
2.
tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
3.
Value guaranteed by characterization, not 100% tested in production.
4.
tCLQV must be compatible with tCL (clock low time): if the SPI bus master offers a Read setup time tSU = 0 ns, tCL can be
equal to (or greater than) tCLQV; in all other cases, tCL must be equal to (or greater than) tCLQV+tSU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com