Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RDW6G/PC Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95320-RDW6G/PC
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RDW6G/PC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95320-RDW6G/PC Datasheet HTML 36Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 37Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 38Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 39Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 40Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 41Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 42Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 43Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
M95320, M95320-W, M95320-R
Revision history
Doc ID 5711 Rev 12
41/44
12
Revision history
Table 26.
Document revision history
Date
Revision
Changes
13-Jul-2000
1.2
Human Body Model meets JEDEC std (Table 2). Minor adjustments on pp
1,11,15. New clause on p7. Addition of TSSOP8 package on pp 1, 2,
Ordering Info, Mechanical Data
16-Mar-2001
1.3
Test condition added ILI and ILO, and specification of tDLDH and tDHDL
removed.
tCLCH, tCHCL, tDLDH and tDHDL changed to 50ns for the -V range.
“-V” Voltage range changed to “2.7V to 3.6V” throughout.
Maximum lead soldering time and temperature conditions updated.
Instruction sequence illustrations updated.
“Bus Master and Memory Devices on the SPI bus” illustration updated.
Package Mechanical data updated
19-Jul-2001
1.4
M95160 and M95080 devices removed to their own data sheet
06-Dec-2001
1.5
Endurance increased to 1M write/erase cycles
Instruction sequence illustrations updated
18-Dec-2001
2.0
Document reformatted using the new template. No parameters changed.
08-Feb-2002
2.1
Announcement made of planned upgrade to 10MHz clock for the 5V, –40
to 85°C, range.
Endurance set to 100K write/erase cycles
18-Dec-2002
2.2
10MHz, 5MHz, 2MHz clock; 5ms, 10ms Write Time; 100K, 1M erase/write
cycles distinguished on front page, and in the DC and AC Characteristics
tables
26-Mar-2003
2.3
Process identification letter corrected in footnote to AC Characteristics
table for temp. range 3
26-Jun-2003
2.4
-S voltage range upgraded by removing it and inserting -R voltage range
in its place
15-Oct-2003
3.0
Table of contents, and Pb-free options added. VIL(min) improved to -0.45V
21-Nov-2003
3.1
VI(min) and VO(min) corrected (improved) to -0.45V
28-Jan-2004
4.0
TSSOP8 connections added to DIP and SO connections
24-May-2005
5.0
M95320-S and M95640-S root part numbers (1.65 to 5.5V Supply) and
related characteristics added.
20MHz Clock rate added.TSSOP14 package removed and MLP8 package
added.
Description of Power On Reset: VCC Lock-Out Write Protect updated.
Product List summary table added. Absolute Maximum Ratings for
VIO(min) and VCC(min) improved. Soldering temperature information
clarified for RoHS compliant devices. Device Grade 3 clarified, with
reference to HRCF and automotive environments. AEC-Q100-002
compliance. tCHHL(min) and tCHHH(min) is tCH for products under “S”
process. tHHQX corrected to tHHQV.
Figure 16: Hold timing updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com