Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST662AC
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST662AC_10 Datasheet HTML 8Page - STMicroelectronics ST662AC_10 Datasheet HTML 9Page - STMicroelectronics ST662AC_10 Datasheet HTML 10Page - STMicroelectronics ST662AC_10 Datasheet HTML 11Page - STMicroelectronics ST662AC_10 Datasheet HTML 12Page - STMicroelectronics ST662AC_10 Datasheet HTML 13Page - STMicroelectronics ST662AC_10 Datasheet HTML 14Page - STMicroelectronics ST662AC_10 Datasheet HTML 15Page - STMicroelectronics ST662AC_10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application circuit
ST662AB, ST662AC
12/20
Doc ID 5068 Rev 8
7.1
ST662A output performance
Figure 16.
Electrical schematic
Table 7.
List of component
Capacitor
Type
Value (µF)
Charge pump C1
Ceramic
0.22
Charge pump C1
Ceramic
0.22
Input C3
Electrolytic tantalum
4.7
Output C4
Electrolytic tantalum
4.7
Decoupling C5
Ceramic
0.1
Figure 17.
Output voltage vs. output current
Figure 18.
Efficiency vs. output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com