Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST662AC
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AC Datasheet(HTML) 1 Page - STMicroelectronics

  ST662AC_10 Datasheet HTML 1Page - STMicroelectronics ST662AC_10 Datasheet HTML 2Page - STMicroelectronics ST662AC_10 Datasheet HTML 3Page - STMicroelectronics ST662AC_10 Datasheet HTML 4Page - STMicroelectronics ST662AC_10 Datasheet HTML 5Page - STMicroelectronics ST662AC_10 Datasheet HTML 6Page - STMicroelectronics ST662AC_10 Datasheet HTML 7Page - STMicroelectronics ST662AC_10 Datasheet HTML 8Page - STMicroelectronics ST662AC_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
August 2010
Doc ID 5068 Rev 8
1/20
20
ST662AB
ST662AC
DC-DC converter from 5 V to 12 V, 0.03 A
for Flash memory programming supply
Features
■ Output voltage: 12 V ± 5 %
■ Supply voltage range: 4.5 V to 5.5 V
■ Guaranteed output current up to 30 mA
■ Very low quiescent current: 100 µA
■ Logic controlled electronic shutdown: 1 µA
■ Just capacitors needed (no inductor)
Description
The ST662A is a regulated charge pump DC-DC
converter. It provides 12 V ± 5 % output voltage to
program byte-wide Flash memory, and can supply
30 mA output current from input as low as 4.75 V.
A logic controlled shut down pin that interfaces
directly with microprocessor reduces the supply
current to only 1 µA. The ST662AB is available as
Automotive Grade in SO-8 package. This device
is qualified according to the specification AEC-
Q100 of the Automotive market, in the
temperature range - 40 °C to 125 °C, and the
statistical tests PAT, SYL, SBL are performed.
SO-8
Table 1.
Device summary
Order codes
Package
ST662ABD-TR
SO-8 (tape and reel)
ST662ABD-TRY (1)
SO-8 (tape and reel)
ST662ACD-TR
SO-8 (tape and reel)
1.
Automotive Grade products.
www.st.com


Similar Part No. - ST662AC_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST662ACD STMICROELECTRONICS-ST662ACD Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
ST662ACD-TR STMICROELECTRONICS-ST662ACD-TR Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662ACD-TR STMICROELECTRONICS-ST662ACD-TR Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
ST662ACN STMICROELECTRONICS-ST662ACN Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
ST662ACN STMICROELECTRONICS-ST662ACN Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
More results

Similar Description - ST662AC_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A_04 Datasheet
359Kb / 13P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Apr-2004
ST662AB STMICROELECTRONICS-ST662AB Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662AB STMICROELECTRONICS-ST662AB_08 Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com