Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AB Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST662AB
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AB Datasheet(HTML) 4 Page - STMicroelectronics

  ST662AB Datasheet HTML 1Page - STMicroelectronics ST662AB Datasheet HTML 2Page - STMicroelectronics ST662AB Datasheet HTML 3Page - STMicroelectronics ST662AB Datasheet HTML 4Page - STMicroelectronics ST662AB Datasheet HTML 5Page - STMicroelectronics ST662AB Datasheet HTML 6Page - STMicroelectronics ST662AB Datasheet HTML 7Page - STMicroelectronics ST662AB Datasheet HTML 8Page - STMicroelectronics ST662AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
ST662AB, ST662AC
4/20
Doc ID 5068 Rev 8
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
C1-
Negative terminal for the first charge pump capacitor
2
C1+
Positive terminal for the first charge pump capacitor
3
C2-
Negative terminal for the second charge pump capacitor
4
C2+
Positive terminal for the second charge pump capacitor
5VCC
Supply voltage
6VOUT
12 V output voltage VOUT = VCC when in shutdown mode
7
GND
Ground
8
SHDN
Active high C-MOS logic level shutdown input. SHDN is internally pulled up to VCC.
Connect to GND for normal operation. In Shutdown mode the charge pumps are turned
off and VOUT = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com