Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AB Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST662AB
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AB Datasheet(HTML) 5 Page - STMicroelectronics

  ST662AB Datasheet HTML 1Page - STMicroelectronics ST662AB Datasheet HTML 2Page - STMicroelectronics ST662AB Datasheet HTML 3Page - STMicroelectronics ST662AB Datasheet HTML 4Page - STMicroelectronics ST662AB Datasheet HTML 5Page - STMicroelectronics ST662AB Datasheet HTML 6Page - STMicroelectronics ST662AB Datasheet HTML 7Page - STMicroelectronics ST662AB Datasheet HTML 8Page - STMicroelectronics ST662AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ST662AB, ST662AC
Maximum ratings
Doc ID 5068 Rev 8
5/20
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC input voltage to GND
-0.3 to 6
V
SHDN
Shutdown voltage
-0.3 to (VCC + 0.3)
V
IO
Output current continuous
50
A
PD
Power dissipation
500
mW
TOP
Operating ambient temperature range
AC series
0 to 70
°C
AB series
-40 to 85
TSTG
Storage temperature range
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
SO-8
Unit
RthJC
Thermal resistance junction-case
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com