Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AC Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST662AC
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST662AC Datasheet HTML 5Page - STMicroelectronics ST662AC Datasheet HTML 6Page - STMicroelectronics ST662AC Datasheet HTML 7Page - STMicroelectronics ST662AC Datasheet HTML 8Page - STMicroelectronics ST662AC Datasheet HTML 9Page - STMicroelectronics ST662AC Datasheet HTML 10Page - STMicroelectronics ST662AC Datasheet HTML 11Page - STMicroelectronics ST662AC Datasheet HTML 12Page - STMicroelectronics ST662AC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ST662AB, ST662AC
Description
Doc ID 5068 Rev 8
9/20
6
Description
The ST662 is an IC developed to provide a 12 V regulated output 30 mA from voltage input
as low as 4.75 without any inductors. It is useful for a wide range of applications and its
performances make it ideal for Flash memory programming supply.
An evaluation kit is provided to facilitate the application. This include a single-side demo
board designed for surface-mount components.The operating principle of ST662 (see
Figure 12) is to charge C1 and C2 capacitor by closing the S1 switch (while S2 is opened) at
the VCC voltage. After S1 is opened and S2 closed so that C1 and C2 capacitors are placed
in series one to each other, and both are in series with VIN. The sum of VC1 and VC2 and VI
is applied to the capacitor C4. This works as voltage triple. An amplifier error checks the
output voltage and blocks the oscillator if the output voltage is greater than 12 V. The
shutdown pin is internally pulled to VCC. When it is held low the output voltage rises to
+12 V. Figure 13 shows the transition time of the shut down pin when the VSHDN goes from
5 V to 0 V. Input logic levels of this input are CMOS compatible Applying a logic high at this
input, the VOUT oscillator is blocked and the VOUT is reach the VI value by D1. In this
condition ICC is low as 1 µA. The Figure 14 shows the transition time of the shut down pin
when the VSHDN goes from 0 V to 5 V.
Figure 12.
Operating principle circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com