Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662AC Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST662AC
Description  DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662AC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST662AC Datasheet HTML 10Page - STMicroelectronics ST662AC Datasheet HTML 11Page - STMicroelectronics ST662AC Datasheet HTML 12Page - STMicroelectronics ST662AC Datasheet HTML 13Page - STMicroelectronics ST662AC Datasheet HTML 14Page - STMicroelectronics ST662AC Datasheet HTML 15Page - STMicroelectronics ST662AC Datasheet HTML 16Page - STMicroelectronics ST662AC Datasheet HTML 17Page - STMicroelectronics ST662AC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
How to increase output current or output voltage capability
ST662AB, ST662AC
14/20
Doc ID 5068 Rev 8
8
How to increase output current or output voltage
capability
Current capability is limited by RON of internal switches. It is possible to increase it
connecting in parallel two or more ST662A devices; each one of them can supply 30 mA.
The Figure 19 shows the electric schematic. The capacitors C3, C4 and C5 must be placed
very close to the ICs on the board. If this is not possible, you can place two different
capacitors, each of them of half value, very close to the respective integrated circuit.
Figure 23 show the output current capability of the proposed circuit.
If an output voltage greater than 12 V is required, it’s possible to realize the circuit of the
following diagram Figure 22. The relevant output current capability is shown in Figure 24 in
which is shown the output voltage vs. load current.
Figure 21.
Application circuit for two ST662A in parallel
Table 8.
List of component
Capacitor
Type
Value (µF)
C1A
Ceramic
0.22
C2A
Ceramic
0.22
C1B
Ceramic
0.22
C2B
Ceramic
0.22
C3
Electrolytic Tantalum
10
C4
Electrolytic Tantalum
10
C5
Ceramic
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com