Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF166C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SF166C
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF166C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SF166C Datasheet HTML 1Page - EIC discrete Semiconductors SF166C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SF161C ~ SF166C )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG. 2 - DERATING CURVE FOR OUTPUT CURRENT
FIG. 3 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
CASE TEMPERATURE, (
°C)
AVERAGE FORWARD CURRENT (AMPS)
FIG. 4 - TYPICAL INSTANTANEOUS
FIG. 5 -TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS
Page 2 of 2
Rev. 02 : March 31, 2005
16
12
8
4
20
10
120
0
150
0
90
60
30
100
80
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE, VOLTS
1.0
0.6
0.7
0.8
0.9
1.0
1.1
1.2
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.1
SET TIME BASE FOR 15/25 ns/cm
Trr
+ 0.5
0
- 0.25
- 1.0 A
1
50 Vdc
(approx)
OSCILLOSCOPE
( NOTE 1 )
1
Ω
50
Ω
10
Ω
D.U.T.
PULSE
GENERATOR
( NOTE 2 )
Single Phase Half Wave
60Hz Inductive or
Resistive Load
Tc = 25
°C
1
100
Tc = 100
°C
1
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
1.3
SF165C~SF166C
SF161C~SF164C
TJ = 25
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com