Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF166C Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SF166C
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF166C Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SF166C Datasheet HTML 1Page - EIC discrete Semiconductors SF166C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF161C ~ SF166C
SUPER FAST RECTIFIERS
PRV : 50 ~ 400 Volts
Io : 16 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast switching speed
* Pb / RoHS Free
MECHANICAL DATA :
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SF161C SF162C SF163C SF164C SF165C SF166C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum Working Reverse Voltage
VRWM
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Current
8.0 (Per Leg )
Total Device,(Rated VR), Tc = 125°C
16 (Total Device)
Maximum Peak Rectified Forward Current
8.3 ms single half sine-wave,
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at IF = 8 A
VF
1.0
1.35
V
Maximum Reverse Current at
Tc = 25
°C
IR
10
µA
Rated DC Blocking Voltage
Tc = 100
°C
IR(H)
500
µA
Typical Thermal Resistance, Junction to Case
R
θJC
3.0
°C/W
Typical Junction Capacitance
(1)
CJ
50.0
30
pF
Maximum Reverse Recovery Time
(2)
Trr
35
50
ns
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
°C
Notes :
(1) Measured at 1 MHz and applied reverse voltage of 4.0 volts.
(2) Reverse Recovery Test Conditions : IF = 0.5A, IR = 1A ; Irr = 0.25 A
Page 1 of 2
Rev. 02 : March 31, 2005
RATING
A
IF(AV)
IFSM
150
A
0.105(2.67)
0.095(2.41)
PIN 2
2
0.205(520)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54)MAX.
0.154(3.91)DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
PIN 1
PIN 3
CASE
0.022(0.56)
0.014(0.36)
1
3
TO-220AB
Dimensions in inches and ( millimeters )
2


Similar Part No. - SF166C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF166C RECTRON-SF166C Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
logo
MIC GROUP RECTIFIERS
SF166C MIC-SF166C Datasheet
58Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Thinki Semiconductor Co...
SF166C THINKISEMI-SF166C Datasheet
243Kb / 2P
16.0 Ampere Heatsink Common Anode Super Fast Recovery Rectifiers
SF166C THINKISEMI-SF166C Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF166CA THINKISEMI-SF166CA Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SF166C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com