Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2B0 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SB2B0
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SB2B0 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SB2B0 Datasheet HTML 1Page - EIC discrete Semiconductors SB2B0 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SB220 - SB2B0 )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
Page 2 of 2
Rev. 02 : March 25, 2005
2.0
1.5
1.0
0.5
2.5
60
0
75
0
45
30
15
10
1.0
80
0.01
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ= 100
°C
TJ = 25
°C
SB220
SB230
SB240
SB250
THRU
SB2B0
1.0
0.1
10
FORWARD VOLTAGE, VOLTS
20
SB250
SB260
SB270
TJ = 25
°C
PULSE WIDTH = 300
μs
DUTY CYCLE = 2%
SB220
SB230
SB240
SB280
SB290
SB2B0
Certificate : TH97/10561QM
Certificate : TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com