Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2B0 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SB2B0
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SB2B0 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SB2B0 Datasheet HTML 1Page - EIC discrete Semiconductors SB2B0 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 - SB2B0
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 100 Volts
IO : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low cost
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.Single phase, half wave, 60 Hz, resistive or inductive load. .
For capacitive load, derate current by 20%.
SYMBOL
SB
220
SB
230
SB
240
SB
250
SB
260
SB
270
SB
280
SB
290
SB
2B0
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum Average Forward Current
0.375", 9.5mm Lead Length See Fig.1
2.0
A
Maximum Peak Forward Surge Current,
8.3ms single half sine wave Superimposed
on rated load (JEDEC Method)
60
A
Maximum Forward Voltage at I F = 2.0 A (Note 1)
VF
0.5
0.74
0.79
V
Maximum Reverse Current at
Rated DC Blocking Voltage (Note 1)
Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Note : (1) Pulse Test : Pulse Width = 300
μs, Duty Cycle = 2%.
Page 1 of 2
Rev. 02 : March 25, 2005
0.5
mA
RATING
IF(AV)
IFSM
IR
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - SB2B0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB2B0 EIC-SB2B0 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB2B0 GOOD-ARK-SB2B0 Datasheet
180Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB2B0 SYNSEMI-SB2B0 Datasheet
37Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Cystech Electonics Corp...
SB2B0 CYSTEKEC-SB2B0 Datasheet
185Kb / 3P
Schottky Barrier Rectifiers
SB2B0 CYSTEKEC-SB2B0 Datasheet
185Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - SB2B0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com