Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7N04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND7N04
Description  "OMNIFET"Fully autoprotected power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7N04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND7N04_09 Datasheet HTML 3Page - STMicroelectronics VND7N04_09 Datasheet HTML 4Page - STMicroelectronics VND7N04_09 Datasheet HTML 5Page - STMicroelectronics VND7N04_09 Datasheet HTML 6Page - STMicroelectronics VND7N04_09 Datasheet HTML 7Page - STMicroelectronics VND7N04_09 Datasheet HTML 8Page - STMicroelectronics VND7N04_09 Datasheet HTML 9Page - STMicroelectronics VND7N04_09 Datasheet HTML 10Page - STMicroelectronics VND7N04_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VND7N04, VND7N04-1, VNK7N04FM
Protection features
7/17
3
Protection features
During normal operation, the Input pin is electrically connected to the gate of the internal
power MOSFET. The device then behaves like a standard power MOSFET and can be used
as a switch from DC to 50 KHz. The only difference from the user’s standpoint is that a small
DC current (Iiss) flows into the Input pin in order to supply the internal circuitry.
The device integrates:
q
Overvoltage clamp protection: internally set at 42 V, along with the rugged avalanche
characteristics of the Power MOSFET stage give this device unrivalled ruggedness and
energy handling capability. This feature is mainly important when driving inductive
loads.
q
Linear current limiter circuit: limits the drain current Id to Ilim whatever the Input pin
voltage. When the current limiter is active, the device operates in the linear region, so
power dissipation may exceed the capability of the heatsink. Both case and junction
temperatures increase, and if this phase lasts long enough, junction temperature may
reach the overtemperature threshold Tjsh.
q
Overtemperature and short circuit protection: these are based on sensing the chip
temperature and are not dependent on the input voltage. The location of the sensing
element on the chip in the power stage area ensures fast, accurate detection of the
junction temperature. Overtemperature cutout occurs at minimum 150 °C. The device
is automatically restarted when the chip temperature falls below 135 °C.
q
Status feedback: in the case of an overtemperature fault condition, a Status Feedback
is provided through the Input pin. The internal protection circuit disconnects the input
from the gate and connects it instead to ground via an equivalent resistance of 100
Ω.
The failure can be detected by monitoring the voltage at the Input pin, which will be
close to ground potential.
Additional features of this device are ESD protection according to the Human Body model
and the ability to be driven from a TTL Logic circuit (with a small increase in RDS(on)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com