Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7N04 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND7N04
Description  "OMNIFET"Fully autoprotected power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7N04 Datasheet(HTML) 5 Page - STMicroelectronics

  VND7N04_09 Datasheet HTML 1Page - STMicroelectronics VND7N04_09 Datasheet HTML 2Page - STMicroelectronics VND7N04_09 Datasheet HTML 3Page - STMicroelectronics VND7N04_09 Datasheet HTML 4Page - STMicroelectronics VND7N04_09 Datasheet HTML 5Page - STMicroelectronics VND7N04_09 Datasheet HTML 6Page - STMicroelectronics VND7N04_09 Datasheet HTML 7Page - STMicroelectronics VND7N04_09 Datasheet HTML 8Page - STMicroelectronics VND7N04_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
VND7N04, VND7N04-1, VNK7N04FM
Electrical specification
5/17
Table 5.
Electrical characteristics: on
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN(th)
Input threshold voltage
VDS = Vin ID + Iin = 1 mA
0.8
3
V
RDS(on)
Static drain-source on resistance
Vin = 10 V ID = 3.5 A
Vin = 5 V ID = 3.5 A
-40 < Tj < 25 °C
Vin = 10 V ID = 3.5 A
Vin = 5 V ID = 3.5 A
Tj = 125 °C
0.14
0.28
0.28
0.56
Ω
Ω
Ω
Ω
Table 6.
Electrical characteristics: dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
Forward
transconductance
VDS = 13 V ID = 3.5 A
2
5
S
Coss
Output capacitance
VDS = 13 V f = 1 MHz Vin = 0
250
500
pF
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Table 7.
Electrical characteristics: switching
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 15 V Id = 3.5 A
Vgen = 10 V Rgen = 10 Ω
(see Figure 26)
50
60
130
50
150
180
300
200
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 15 V Id = 3.5 A
Vgen = 10 V Rgen = 1000 Ω
(see Figure 26)
140
0.4
2.5
1
500
1.1
7
4
ns
µs
µs
µs
(di/dt)on
Turn-on current slope
VDD = 15 V ID = 3.5 A
Vin = 10 V Rgen = 10 Ω
50
A/µs
Qi
Total input charge
VDD = 12 V ID = 3.5 A Vin = 10 V
18
nC
Table 8.
Electrical characteristics: source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
ISD = 3.5 A Vin = 0
1.7
V
trr
(2)
Qrr
(2)
IRRM
(2)
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 3.5 A di/dt = 100 A/µs
VDD = 30 V Tj = 25 °C
(see test circuit, Figure 28)
40
0.2
3.6
ns
µC
A
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2.
Parameters guaranteed by design/characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com