Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN21 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SN21
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN21 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SN21 Datasheet HTML 1Page - EIC discrete Semiconductors SN21 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SN21 - SN25 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG 4 . - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
Page 2 of 2
Rev. 02 : March 25, 2005
2.4
1.8
1.2
0.6
3.0
10
1.0
80
0
100
0
60
40
20
10
80
1.0
0.01
100
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.1
100
10
1
50
5
TJ = 25
°C
REVERSE VOLTAGE, VOLTS
1
2
4
10
20
40
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
0.01
NON-REPETITIVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com