Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN21 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SN21
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN21 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SN21 Datasheet HTML 1Page - EIC discrete Semiconductors SN21 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN21 - SN25
SURFACE MOUNT RECTIFIERS
PRV : 200 - 1300 Volts
Io : 3.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SN21
SN22
SN23
SN24
SN25
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1300
V
Maximum RMS Voltage
VRMS
140
280
420
560
910
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1300
V
Maximum Average Forward Current
Ta = 50
°C
IF
3.0
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
100
A
Maximum Forward Voltage at IF = 3.0 Amps.
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
20
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
50
pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.2 2)
0.121(3.07)
0.115(2.92)
0.220(5.5 9)
0.012(0.305)
0.103(2.62)
0.060(1.5 2)
0.079(2.00)
0.006(0.152)
0.030(0.7 6)
0.008(0.203)
0.004(0.102)
* Pb / RoHS Free


Similar Part No. - SN21

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN21 EIC-SN21 Datasheet
39Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
GOOD-ARK Electronics
SN21 GOOD-ARK-SN21 Datasheet
197Kb / 2P
SURFACE MOUNT GENERAL PURPOSE PLASITC RECTIFIER
logo
SynSemi, Inc.
SN21 SYNSEMI-SN21 Datasheet
39Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
Murata Manufacturing Co...
SN2100 MURATA-SN2100 Datasheet
569Kb / 1P
High-Power Bluetooth짰 Module
logo
VITALCONN ELECTRONICS H...
SN211 VITALCONN-SN211 Datasheet
305Kb / 3P
SFP2*1CAGE CONN
More results

Similar Description - SN21

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com