Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9552BCPZ Datasheet HTML 5Page - Analog Devices AD9552BCPZ Datasheet HTML 6Page - Analog Devices AD9552BCPZ Datasheet HTML 7Page - Analog Devices AD9552BCPZ Datasheet HTML 8Page - Analog Devices AD9552BCPZ Datasheet HTML 9Page - Analog Devices AD9552BCPZ Datasheet HTML 10Page - Analog Devices AD9552BCPZ Datasheet HTML 11Page - Analog Devices AD9552BCPZ Datasheet HTML 12Page - Analog Devices AD9552BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9552
Rev. C | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
CARRIER 624.988784MHz
0.4009dBm
Figure 3. Phase Noise, Fractional-N, Pin Programmed
(fXTAL = 19.44 MHz, fOUT1 = 625 MHz)
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
CARRIER 624.999995MHz
0.4057dBm
Figure 4. Phase Noise, Fractional-N, Pin Programmed
(fREF = 19.44 MHz, fOUT1 = 625 MHz)
10
0
–10
–20
–30
–40
–50
–60
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
–3
–2
–1
0
1
1k
10k
100k
JITTER TRANSFER
JITTER PEAKING
Figure 5. Jitter Transfer and Jitter Peaking
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
CARRIER 622.068199MHz
0.5831dBm
Figure 6. Phase Noise, Integer, SDM Off
(fXTAL = 19.44 MHz, fOUT1 = 622.08 MHz)
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
CARRIER 622.079986MHz
0.3798dBm
Figure 7. Phase Noise, Integer, SDM Off
(fREF = 19.44 MHz, fOUT1 = 622.08 MHz)
35
30
25
20
15
10
5
100
1k
FREQUENCY (MHz)
LVPECL
LVDS (WEAK)
LVDS (STRONG)
Figure 8. Supply Current vs. Output Frequency,
LVPECL and LVDS (15 pF Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com