Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9552BCPZ Datasheet HTML 1Page - Analog Devices AD9552BCPZ Datasheet HTML 2Page - Analog Devices AD9552BCPZ Datasheet HTML 3Page - Analog Devices AD9552BCPZ Datasheet HTML 4Page - Analog Devices AD9552BCPZ Datasheet HTML 5Page - Analog Devices AD9552BCPZ Datasheet HTML 6Page - Analog Devices AD9552BCPZ Datasheet HTML 7Page - Analog Devices AD9552BCPZ Datasheet HTML 8Page - Analog Devices AD9552BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9552
Rev. C | Page 3 of 32
SPECIFICATIONS
Minimum (min) and maximum (max) values apply for the full range of supply voltage and operating temperature variations. Typical (typ)
values apply for VDD = 3.3 V; TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
3.135
3.30
3.465
V
Pin 7, Pin 18, Pin 21, Pin 28
POWER CONSUMPTION
Total Current
149
169
mA
At maximum output frequency with both output channels active
VDD Current By Pin
Pin 7
2
3
mA
Pin 18
77
86
mA
Pin 21
35
41
mA
Pin 28
35
41
mA
LVPECL Output Driver
36
41
mA
900 MHz with 100 Ω termination between both pins of the output
driver
LOGIC INPUT PINS
INPUT CHARACTERISTICS1
Logic 1 Voltage, VIH
1.0
V
For the CMOS inputs, a static Logic 1 results from either a pull-up
resistor or no connection
Logic 0 Voltage, VIL
0.8
V
Logic 1 Current, IIH
3
μA
Logic 0 Current, IIL
17
μA
LOGIC OUTPUT PINS
Output Characteristics
Output Voltage High, VOH
2.7
V
Output Voltage Low, VOL
0.4
V
RESET PIN
Input Characteristics2
Input Voltage High, VIH
1.8
V
Input Voltage Low, VIL
1.3
V
Input Current High, IINH
0.3
12.5
μA
Input Current Low, IINL
31
43
μA
Minimum Pulse Width High
2
ns
REFERENCE CLOCK
INPUT CHARACTERISTICS
Frequency Range
7.94
MHz
N3 = 255; 2× frequency multiplier enabled; valid for all VCO bands
6.57
MHz
N3 = 255; 2× frequency multiplier enabled; fVCO = 3.35 GHz, which con-
strains the frequency at OUT1 to be an integer sub-multiple of 3.35 GHz
(that is, fOUT1 = 3.35 ÷ M GHz, where M is the product of the P0 and P1
output divider values)
93.06
MHz
SDM4 disabled; N3 = 365; valid for all VCO bands
71.28
MHz
SDM4 enabled; N3 = 476; valid for all VCO bands
112.5
MHz
SDM4 disabled; N3 = 365; fVCO = 4.05 GHz, which constrains the
frequency at OUT1 to be an integer sub-multiple of 4.05 GHz (that is,
fOUT1 = 4.05÷M GHz, where M is the product of the P0 and P1 output
divider values)
86.17
MHz
SDM4 enabled; N3 = 476; fVCO = 4.05 GHz, which constrains the frequency
at OUT1 to be an integer sub-multiple of 4.05 GHz (that is, fOUT1 =
4.05÷M GHz, where M is the product of the P0 and P1 output divider
values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com