Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNN3NV04 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNN3NV04
Description  OMNIFET II fully autoprotected Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNN3NV04 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNN3NV04_09 Datasheet HTML 9Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 10Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 11Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 12Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 13Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 14Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 15Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 16Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VNN3NV04, VNS3NV04, VND3NV04, VND3NV04-1
Protection features
Doc ID 7382 Rev 2
13/26
Figure 15. Source-drain diode forward
characteristics
Figure 16. Static drain source on resistance
Figure 17. Turn-on current slope (part 1/2)
Figure 18. Turn-on current slope (part 2/2)
Figure 19. Transfer characteristics
Figure 20. Static drain-source on resistance
vs Id
0
1
23
45
67
89
10
11
12
Id (A)
600
650
700
750
800
850
900
950
1000
1050
1100
Vsd (mV)
Vin=0V
0
0.05
0.1
0.15
0.2
0.25
0.3
Id(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Rds(on) (ohms)
Tj=25ºC
Tj=150ºC
Tj=-40ºC
Vin=2.5V
0
250
500
750 1000 1250 1500 1750 2000 2250 2500
Rg(ohm)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
di/dt(A/us)
Vin=5V
Vdd=15V
Id=1.5A
0
250
500
750 1000 1250 1500 1750 2000 2250 2500
Rg(ohm)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
di/dt(A/usec)
Vin=3.5V
Vdd=15V
Id=1.5A
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Vin(V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Idon(A)
Vds=13.5V
Tj=150ºC
Tj=25ºC
Tj=-40ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
Id (A)
0
25
50
75
100
125
150
175
200
225
250
Rds(on) (mohms)
Tj=25ºC
Tj=150ºC
Tj= - 40ºC
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com