Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNN3NV04 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNN3NV04
Description  OMNIFET II fully autoprotected Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNN3NV04 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNN3NV04_09 Datasheet HTML 17Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 18Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 19Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 20Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 21Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 22Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 23Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 24Page - STMicroelectronics VNN3NV04_09 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VNN3NV04, VNS3NV04, VND3NV04, VND3NV04-1
Package and packing information
Doc ID 7382 Rev 2
21/26
4.5
SOT-223 packing information
Figure 36. SOT-223 tape and reel shipment (suffix “TR”)
REEL DIMENSIONS
Base Q.ty
1000
Bulk Q.ty
1000
A (max)
330
B (min)
1.5
C (± 0.2)
13
F
20.2
G (+ 2 / -0)
12.4
N (min)
60
T (max)
18.4
TAPE DIMENSIONS
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
12
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
8
Hole Diameter
D (± 0.1/-0)
1.5
Hole Diameter
D1 (min)
1.5
Hole Position
F (± 0.05)
5.5
Compartment Depth
K (max)
4.5
Hole Spacing
P1 (± 0.1)
2
Top
cover
tape
End
Start
No components
No components
Components
500mm min
500mm min
Empty components pockets
saled with cover tape.
User direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com