Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD8XXFX Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 57Page - STMicroelectronics PSD8XXFX Datasheet HTML 58Page - STMicroelectronics PSD8XXFX Datasheet HTML 59Page - STMicroelectronics PSD8XXFX Datasheet HTML 60Page - STMicroelectronics PSD8XXFX Datasheet HTML 61Page - STMicroelectronics PSD8XXFX Datasheet HTML 62Page - STMicroelectronics PSD8XXFX Datasheet HTML 63Page - STMicroelectronics PSD8XXFX Datasheet HTML 64Page - STMicroelectronics PSD8XXFX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
PSD8XXFX
MCU bus interface
Doc ID 7833 Rev 7
61/128
15.4
MCU bus interface examples
Figure 20, Figure 21, Figure 22, Figure 23, and Figure 24 show examples of the basic
connections between the PSD and some popular MCUs. The PSD Control input pins are
labeled as to the MCU function for which they are configured. The MCU bus interface is
specified using the PSDsoft Express Configuration.
Figure 19.
An example of a typical 8-bit non-multiplexed bus interface
Table 18.
8-bit data bus
BHE
A0
D7-D0
X
0
Even byte
X
1
Odd byte
MCU
WR
RD
BHE
ALE
RESET
D [ 7:0]
A[ 15:0]
A[ 23:16]
D [ 7:0]
ADIO
PORT
PORT
A
PORT
B
PORT
C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
PSD
AI02879C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com