Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD8XXFX Datasheet(PDF) 40 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 36Page - STMicroelectronics PSD8XXFX Datasheet HTML 37Page - STMicroelectronics PSD8XXFX Datasheet HTML 38Page - STMicroelectronics PSD8XXFX Datasheet HTML 39Page - STMicroelectronics PSD8XXFX Datasheet HTML 40Page - STMicroelectronics PSD8XXFX Datasheet HTML 41Page - STMicroelectronics PSD8XXFX Datasheet HTML 42Page - STMicroelectronics PSD8XXFX Datasheet HTML 43Page - STMicroelectronics PSD8XXFX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
Specific features
PSD8XXFX
40/128
Doc ID 7833 Rev 7
10
Specific features
10.1
Flash Memory Sector Protect
Each primary and secondary Flash memory sector can be separately protected against
Program and Erase cycles. Sector Protection provides additional data security because it
disables all program or erase cycles. This mode can be activated through the JTAG port or a
device programmer.
Sector protection can be selected for each sector using the PSDsoft Express Configuration
program. This automatically protects selected sectors when the device is programmed
through the JTAG port or a device programmer. Flash memory sectors can be unprotected
to allow updating of their contents using the JTAG port or a device programmer. The MCU
can read (but cannot change) the sector protection bits.
Any attempt to program or erase a protected Flash memory sector is ignored by the device.
The Verify operation results in a READ of the protected data. This allows a guarantee of the
retention of the Protection status.
The sector protection status can be read by the MCU through the Flash memory protection
and PSD/EE protection registers (in the CSIOP block). See Table 12 and Table 13.
10.2
Reset Flash
The Reset Flash instruction consists of one WRITE cycle (see Table 10). It can also be
optionally preceded by the standard two WRITE decoding cycles (writing AAh to 555h and
55h to AAAh). It must be executed after:
●
Reading the Flash Protection Status or Flash ID
●
An Error condition has occurred (and the device has set the Error flag bit (DQ5) to '1')
during a Flash memory program or erase cycle.
On the PSD813F2/3/4/5, the Reset Flash instruction puts the Flash memory back into
normal READ mode. It may take the Flash memory up to a few milliseconds to complete the
Reset cycle. The Reset Flash instruction is ignored when it is issued during a Program or
Bulk Erase cycle of the Flash memory. The Reset Flash instruction aborts any on-going
Sector Erase cycle, and returns the Flash memory to the normal READ mode within a few
milliseconds.
On the PSD83xF2 or PSD85xF2, the Reset Flash instruction puts the Flash memory back
into normal READ mode. If an Error condition has occurred (and the device has set the
Error flag bit (DQ5) to '1') the Flash memory is put back into normal READ mode within 25
μs
of the Reset Flash instruction having been issued. The Reset Flash instruction is ignored
when it is issued during a Program or Bulk Erase cycle of the Flash memory. The Reset
Flash instruction aborts any on-going Sector Erase cycle, and returns the Flash memory to
the normal READ mode within 25
μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com