Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

347 Datasheet(PDF) 19 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 347 Datasheet HTML 15Page - Intel Corporation 347 Datasheet HTML 16Page - Intel Corporation 347 Datasheet HTML 17Page - Intel Corporation 347 Datasheet HTML 18Page - Intel Corporation 347 Datasheet HTML 19Page - Intel Corporation 347 Datasheet HTML 20Page - Intel Corporation 347 Datasheet HTML 21Page - Intel Corporation 347 Datasheet HTML 22Page - Intel Corporation 347 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
Datasheet
19
Electrical Specifications
NOTES:
1. Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical data.
These specifications will be updated with characterized data from silicon measurements at a later date.
2. Adherence to the voltage specifications for the processor are required to ensure reliable processor operation.
3. Each processor is programmed with a maximum valid voltage identification value (VID) that is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during manufacturing such
that two processors at the same frequency may have different settings within the VID range.
4.
These voltages are targets only. A variable voltage source should exist on systems in the event that a different
voltage is required. See Section 2.3 and Table 2 for more information.
5. The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE lands at the socket
with a 100 MHz bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 MΩ minimum impedance. The
maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from the system
is not coupled into the oscilloscope probe.
6. Refer to Table 5 and Figure 1 for the minimum, typical, and maximum VCC allowed for a given current. The
processor should not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a given
current.
7. ICC_MAX is specified at VCC_MAX
8. The current specified is also for AutoHALT State.
9. I
CC Stop-Grant is specified at V
CC_MAX.
10.The maximum instantaneous current the processor will draw while the thermal control circuit is active (as
indicated by the assertion of PROCHOT#) is the same as the maximum I
CC for the processor.
11.VTT must be provided via a separate voltage source and not be connected to VCC. This specification is measured
at the land.
12.Baseboard bandwidth is limited to 20 MHz.
13.This is maximum total current drawn from VTT plane by only the processor. This specification does not include
the current coming from RTT (through the signal line). Refer to the Voltage Regulator-Down (VRD) 10.1 Design
Guide For Desktop and Transportable LGA775 Socket to determine the total ITT drawn by the system.
14.This is a steady-state ITT current specification that is applicable when both VTT and VCC are high.
15.This is a power-up peak current specification that is applicable when VTT is high and VCC is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com