Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

347 Datasheet(PDF) 27 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 347 Datasheet HTML 23Page - Intel Corporation 347 Datasheet HTML 24Page - Intel Corporation 347 Datasheet HTML 25Page - Intel Corporation 347 Datasheet HTML 26Page - Intel Corporation 347 Datasheet HTML 27Page - Intel Corporation 347 Datasheet HTML 28Page - Intel Corporation 347 Datasheet HTML 29Page - Intel Corporation 347 Datasheet HTML 30Page - Intel Corporation 347 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
Datasheet
27
Electrical Specifications
5. 0.24 V is defined at 20% of nominal VTT of 1.2 V.
6. The TAP signal group must meet the signal quality specifications.
7. The maximum output current is based on maximum current handling capability of the buffer and is
not specified into the test load.
8. Leakage to VSS with land held at VTT.
9. Leakage to VTT with land held at 300 mV.
Table 13.
VTTPWRGD DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
—
—
0.3
V
VIH
Input High Voltage
0.9
—
—
V
Table 14.
BSEL[2:0] and VID[5:0] DC Specifications
Symbol
Parameter
Max
Unit
Notes1, 2
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2. These parameters are not tested and are based on design simulations.
RON (BSEL)
Buffer On Resistance
120
Ω
-
RON (VID)
Buffer On Resistance
120
Ω
-
IOL
Max Land Current
2.4
mA
-
ILO
Output Leakage Current
200
µA
3
3. Leakage to VSS with land held at 1.2 V.
VTOL
Voltage Tolerance
VTT(max)
V
-
Table 15.
BOOTSELECT DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VIL
Input Low Voltage
—
—
0.24
V
1
NOTES:
1. These parameters are not tested and are based on design simulations.
VIH
Input High Voltage
0.96
—
—
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com