Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

365 Datasheet(PDF) 76 Page - Intel Corporation

Part # 365
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

365 Datasheet(HTML) 76 Page - Intel Corporation

Back Button 365 Datasheet HTML 72Page - Intel Corporation 365 Datasheet HTML 73Page - Intel Corporation 365 Datasheet HTML 74Page - Intel Corporation 365 Datasheet HTML 75Page - Intel Corporation 365 Datasheet HTML 76Page - Intel Corporation 365 Datasheet HTML 77Page - Intel Corporation 365 Datasheet HTML 78Page - Intel Corporation 365 Datasheet HTML 79Page - Intel Corporation 365 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
Thermal Specifications and Design Considerations
76
Datasheet
The case temperature is defined at the geometric top center of the processor. Analysis
indicates that real applications are unlikely to cause the processor to consume
maximum power dissipation for sustained time periods. Intel recommends that
complete thermal solution designs target the Thermal Design Power (TDP) indicated in
Table 26 instead of the maximum processor power consumption. The Thermal Monitor
feature is designed to protect the processor in the unlikely event that an application
exceeds the TDP recommendation for a sustained periods of time. For more details on
the usage of this feature, refer to Section 5.2. In all cases the Thermal Monitor
Feature must be enabled for the processor to remain within specification.
Table 26.
Processor Thermal Specifications for 775_VR_CONFIG_05A Processors
Processor
Number
Core Frequency
(GHz)
Thermal
Design
Power (W)
Minimum
TC (°C)
Maximum TC (°C)
Notes
356
3.33
86
5
See Table 28 and
Figure 12
1, 2
NOTES:
1. Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not the
maximum power that the processor can dissipate.
2. This table shows the maximum TDP for a given frequency range. Individual processors may have a lower TDP.
Therefore, the maximum TC will vary depending on the TDP of the individual processor. Refer to thermal profile
figure and associated table for the allowed combinations of power and TC.
352
3.2
86
5
1, 2
347
3.06
86
5
1, 2
Table 27.
Processor Thermal Specifications for 775_VR_CONFIG_06 Processors
Processor
Number
Core Frequency
(GHz)
Thermal
Design
Power (W)
Minimum
TC (°C)
Maximum TC (°C)
Notes
365
3.66
65
5
See Table 29 and
Figure 13
1, 2
360
3.46
65
5
1, 2
356
3.33
65
5
1, 2
352
3.2
65
5
1, 2
347
3.06
65
5
1, 2
NOTES:
1.
Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not the maximum power
that the processor can dissipate.
2.
This table shows the maximum TDP for a given frequency range. Individual processors may have a lower TDP. Therefore, the max-
imum TC will vary depending on the TDP of the individual processor. Refer to thermal profile figure and associated table for the
allowed combinations of power and TC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com