Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

365 Datasheet(PDF) 77 Page - Intel Corporation

Part # 365
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

365 Datasheet(HTML) 77 Page - Intel Corporation

Back Button 365 Datasheet HTML 73Page - Intel Corporation 365 Datasheet HTML 74Page - Intel Corporation 365 Datasheet HTML 75Page - Intel Corporation 365 Datasheet HTML 76Page - Intel Corporation 365 Datasheet HTML 77Page - Intel Corporation 365 Datasheet HTML 78Page - Intel Corporation 365 Datasheet HTML 79Page - Intel Corporation 365 Datasheet HTML 80Page - Intel Corporation 365 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
Datasheet
77
Thermal Specifications and Design Considerations
Table 28.
Thermal Profile for 775_VR_CONFIG_05A Processors
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
0
44.322
50.744
57.166
63.4
2
44.924
51.346
57.668
64.0
4
45.526
51.848
58.270
64.6
6
46.028
52.450
58.872
65.2
8
46.630
53.052
59.474
65.8
10
47.2
32
53.6
54
60.0
76
66.3
12
47.8
34
54.2
56
60.5
78
66.9
14
48.4
36
54.7
58
61.1
80
67.5
16
48.9
38
55.3
60
61.7
82
68.1
18
49.5
40
55.9
62
62.3
84
68.7
20
50.1
42
56.5
64
62.9
86
69.2
Figure 12.
Thermal Profile for 775_VR_CONFIG_05A Processors
y = 0.29x + 44.3
40.0
45.0
50.0
55.0
60.0
65.0
70.0
0
10
20
30405060
70
80
Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com