Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541 Datasheet(PDF) 76 Page - Intel Corporation

Part # 541
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

541 Datasheet(HTML) 76 Page - Intel Corporation

Back Button 541 Datasheet HTML 72Page - Intel Corporation 541 Datasheet HTML 73Page - Intel Corporation 541 Datasheet HTML 74Page - Intel Corporation 541 Datasheet HTML 75Page - Intel Corporation 541 Datasheet HTML 76Page - Intel Corporation 541 Datasheet HTML 77Page - Intel Corporation 541 Datasheet HTML 78Page - Intel Corporation 541 Datasheet HTML 79Page - Intel Corporation 541 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
76
Datasheet
Thermal Specifications and Design Considerations
The case temperature is defined at the geometric top center of the processor IHS. Analysis indicates
that real applications are unlikely to cause the processor to consume maximum power dissipation for
sustained periods of time. Intel recommends that complete thermal solution designs target the
Thermal Design Power (TDP) indicated in Table 5-1 instead of the maximum processor power
consumption. The Thermal Monitor feature is intended to help protect the processor in the unlikely
event that an application exceeds the TDP recommendation for a sustained period of time. For more
details on the usage of this feature, refer to Section 5.2. In all cases, the Thermal Monitor feature
must be enabled for the processor to remain within specification.
Table 5-1. Processor Thermal Specifications
Processor
Number
Core Frequency
(GHz)
Thermal Design
Power (W)
Minimum TC
(°C)
Maximum TC (°C)
Notes
520/521
2.80 (PRB = 0)
84
5
See Table 5-3 and Figure 5-2
1, 2
530/531
3 (PRB = 0)
84
5
See Table 5-3 and Figure 5-2
1, 2
540/541
3.20 (PRB = 0)
84
5
See Table 5-3 and Figure 5-2
1, 2
550/551
3.40 (PRB = 0)
84
5
See Table 5-3 and Figure 5-2
1, 2
550
3.40 (PRB = 1)
115
5
See Table 5-2 and Figure 5-1
1, 2
NOTES:
1.
Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not the maximum pow-
er that the processor can dissipate.
2.
This table shows the maximum TDP for a given frequency range. Individual processors may have a lower TDP. Therefore, the
maximum TC will vary depending on the TDP of the individual processor. Refer to thermal profile figure and associated table
for the allowed combinations of power and TC.
560/561
3.60 (PRB = 1)
115
5
See Table 5-2 and Figure 5-1
1, 2
570/571
3.80 (PRB = 1)
115
5
See Table 5-2 and Figure 5-1
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com