Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541 Datasheet(PDF) 35 Page - Intel Corporation

Part # 541
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

541 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 541 Datasheet HTML 31Page - Intel Corporation 541 Datasheet HTML 32Page - Intel Corporation 541 Datasheet HTML 33Page - Intel Corporation 541 Datasheet HTML 34Page - Intel Corporation 541 Datasheet HTML 35Page - Intel Corporation 541 Datasheet HTML 36Page - Intel Corporation 541 Datasheet HTML 37Page - Intel Corporation 541 Datasheet HTML 38Page - Intel Corporation 541 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Datasheet
35
Package Mechanical Specifications
3
Package Mechanical
Specifications
The Pentium 4 processor in the 775-land package is packaged in a Flip-Chip Land Grid Array
(FC-LGA4) package that interfaces with the motherboard via an LGA775 socket. The package
consists of a processor core mounted on a substrate land-carrier. An integrated heat spreader (IHS)
is attached to the package substrate and core and serves as the mating surface for processor
component thermal solutions, such as a heatsink. Figure 3-1 shows a sketch of the processor
package components and how they are assembled together. Refer to the LGA775 Socket
Mechanical Design Guide for complete details on the LGA775 socket.
The package components shown in Figure 3-1 include the following:
• Integrated Heat Spreader (IHS)
• Thermal Interface Material (TIM)
• Processor core (die)
• Package substrate
• Capacitors
NOTE:
1. Socket and motherboard are included for reference and are not part of processor package.
3.1
Package Mechanical Drawing
The package mechanical drawings are shown in Figure 3-2 and Figure 3-4. The drawings include
dimensions necessary to design a thermal solution for the processor. These dimensions include:
• Package reference with tolerances (total height, length, width, etc.)
• IHS parallelism and tilt
• Land dimensions
• Top-side and back-side component keep-out dimensions
• Reference datums
All drawing dimensions are in mm [in].
Note:
Guidelines on potential IHS flatness variation with socket load plate actuation and installation of
the cooling solution is available in the processor Thermal/Mechanical Design Guidelines.
Figure 3-1. Processor Package Assembly Sketch
IHS
Substrate
LGA775 Socket
System Board
Capacitors
Core (die)
TIM
IHS
Substrate
LGA775 Socket
System Board
Capacitors
Core (die)
TIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com