Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2500 Datasheet(PDF) 21 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 21 Page - Intel Corporation

Back Button T2500 Datasheet HTML 17Page - Intel Corporation T2500 Datasheet HTML 18Page - Intel Corporation T2500 Datasheet HTML 19Page - Intel Corporation T2500 Datasheet HTML 20Page - Intel Corporation T2500 Datasheet HTML 21Page - Intel Corporation T2500 Datasheet HTML 22Page - Intel Corporation T2500 Datasheet HTML 23Page - Intel Corporation T2500 Datasheet HTML 24Page - Intel Corporation T2500 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Datasheet
21
Electrical Specifications
3
Electrical Specifications
3.1
Power and Ground Pins
For clean, on-chip power distribution, the processor will have a large number of V
CC
(power) and VSS (ground) inputs. All power pins must be connected to VCC power
planes while all VSS pins must be connected to system ground planes. Use of multiple
power and ground planes is recommended to reduce I*R drop. Please contact your
Intel representative for more details. The processor VCC pins must be supplied the
voltage determined by the VID (Voltage ID) pins.
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the Intel Core Duo processor and Intel
Core Solo processors’ core frequency is a multiple of the BCLK[1:0] frequency. The
processor uses a differential clocking implementation.
3.3
Voltage Identification
The processor uses seven voltage identification pins, VID[6:0], to support automatic
selection of power supply voltages. The VID pins for the processor are CMOS outputs
driven by the processor VID circuitry. Table 2 specifies the voltage level corresponding
to the state of VID[6:0]. A 1 in this refers to a high-voltage level and a 0 refers to low-
voltage level.
Table 2.
Voltage Identification Definition (Sheet 1 of 4)
VID6
VID5
VID4
VID3
VID2
VID1
VID0
VCC (V)
0
0000
00
1.5000
0
0000
01
1.4875
0
0000
10
1.4750
0
0000
11
1.4625
0
0001
00
1.4500
0
0001
01
1.4375
0
0001
10
1.4250
0
0001
11
1.4125
0
0010
00
1.4000
0
0010
01
1.3875
0
0010
10
1.3750
0
0010
11
1.3625
0
0011
00
1.3500
0
0011
01
1.3375
0
0011
10
1.3250
0
0011
11
1.3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com