Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2500 Datasheet(PDF) 39 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 39 Page - Intel Corporation

Back Button T2500 Datasheet HTML 35Page - Intel Corporation T2500 Datasheet HTML 36Page - Intel Corporation T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation T2500 Datasheet HTML 40Page - Intel Corporation T2500 Datasheet HTML 41Page - Intel Corporation T2500 Datasheet HTML 42Page - Intel Corporation T2500 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Datasheet
39
Electrical Specifications
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing Voltage is defined as absolute voltage where rising edge of BCLK0 is equal to the falling edge of
BCLK1.
3.
Threshold Region is defined as a region entered about the crossing voltage in which the differential receiver
switches. It includes input threshold hysteresis.
4.
For Vin between 0 V and VIH.
5.
Cpad includes die capacitance only. No package parasitics are included.
6.
ΔV
CROSS is defined as the total variation of all crossing voltages as defined in note 2.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be interpreted as a logical low
value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted as a logical high
value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must comply with the
signal quality specifications.
5.
This is the pull-down driver resistance.
6.
GTLREF should be generated from VCCP with a 1% tolerance resistor divider. Tolerance of resistor divider
decides the tolerance of GTLREF. The VCCP referred to in these specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver.
8.
Specified with on die RTT and RON are turned off.
9.
Cpad includes die capacitance only. No package parasitics are included.
10.
This spec applies to all AGTL+ signals except for PREQ#. RTT for PREQ# is between 1.5 kΩ to 6.0 kΩ.
Table 11.
FSB Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VIL
Input Low Voltage
0
V
VIH
Input High Voltage
0.660
0.710
0.85
V
V
CROSS
Crossing Voltage
0.25
0.35
0.55
V
2
ΔV
CROSS
Range of Crossing Points
0.14
V
6
VTH
Threshold Region
VCROSS -0.100
VCROSS+0.100
V
3
ILI
Input Leakage Current
± 100
µA
4
Cpad
Pad Capacitance
0.95
1.2
1.45
pF
5
Table 12.
AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
0.997
1.05
1.102
V
GTLREF
Reference Voltage
2/3 VCCP
V6
VIH
Input High Voltage
GTLREF+0.1
VCCP+0.1
V
3,6
VIL
Input Low Voltage
-0.1
0
GTLREF-0.1
V
2,4
VOH
Output High Voltage
VCCP
6
R
TT
Termination Resistance
50
55
61
Ω
7,10
RON
Buffer on Resistance
22.3
25.5
28.7
Ω
5
ILI
Input Leakage Current
± 100
µA
8
Cpad
Pad Capacitance
1.8
2.3
2.75
pF
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com