Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 10Page - Linear Technology LTM4627 Datasheet HTML 11Page - Linear Technology LTM4627 Datasheet HTML 12Page - Linear Technology LTM4627 Datasheet HTML 13Page - Linear Technology LTM4627 Datasheet HTML 14Page - Linear Technology LTM4627 Datasheet HTML 15Page - Linear Technology LTM4627 Datasheet HTML 16Page - Linear Technology LTM4627 Datasheet HTML 17Page - Linear Technology LTM4627 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4627
14
4627f
its final value from the slave’s regulation point. Voltage
tracking is disabled when VTRACK is more than 0.6V. RTA in
Figure 4 will be equal to the RFB for coincident tracking.
The TRACK/SS pin of the master can be controlled by an
external ramp or the soft-start function of that regulator
can be used to develop that master ramp. The LTM4627 can
be used as a master by setting the ramp rate on its track
pin using a soft-start capacitor. A 1.2μA current source
is used to charge the soft-start capacitor. The following
equation can be used:
tSOFT-START = 0.6 •
CSS
1.2µA
⎛
⎝⎜
⎞
⎠⎟
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
TRACK/SS pin. As mentioned above, the TRACK/SS pin
has a control range from 0V to 0.6V. The master’s TRACK/SS
pin slew rate is directly equal to the master’s output slew
rate in volts/time. The equation:
MR
SR
• 60.4k = RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in volts/time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal to 60.4k. RTA is derived from equation:
RTA=
0.6V
VFB
60.4k
+ VFB
RFB
–
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 60.4k
APPLICATIONS INFORMATION
Figure 4. Dual Outputs (1.5V and 1.2V) with Tracking
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS
+
VOSNS
–
VFB
LTM4627
VIN
R2
10k
RFB1
40.2k
R4
100k
C10
22μF
16V
C7
22μF
16V
82pF
CSS
SOFT-START
CAPACITOR
470μF
6.3V
100μF
6.3V
VOUT2
1.5V AT 15A
C8
C11
C9
22μF
16V
INTVCC
EXTVCC
VIN 6V
TO 16V
SGND
GND
+
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS
+
VOSNS
–
VFB
LTM4627
VIN
R1
10k
RFB
60.4k
R3
100k
C2
22μF
16V
C3
22μF
16V
82pF
470μF
6.3V
100μF
6.3V
VOUT1
1.2V
15A
C4
C6
C1
22μF
16V
INTVCC
EXTVCC
4627 F04
SGND
GND
+
RTB
60.4k
RTA
60.4k
MASTER RAMP
OR OUTPUT
VIN 6V
TO 16V
150pF
150pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com