Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 17Page - Linear Technology LTM4627 Datasheet HTML 18Page - Linear Technology LTM4627 Datasheet HTML 19Page - Linear Technology LTM4627 Datasheet HTML 20Page - Linear Technology LTM4627 Datasheet HTML 21Page - Linear Technology LTM4627 Datasheet HTML 22Page - Linear Technology LTM4627 Datasheet HTML 23Page - Linear Technology LTM4627 Datasheet HTML 24Page - Linear Technology LTM4627 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4627
21
4627f
APPLICATIONS INFORMATION
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Wakefield Engineering
LTN20069
www.wakefield.com
AAVID Thermalloy
375424B00034G
www.aavidthermalloy.com
Table 4. Output Voltage Response vs Component Matrix (Refer to Figure 18) 0A to 7.5A Load Step
COUT1 AND COUT2
CERAMIC VENDOR
VALUE
PART NUMBER
COUT1 AND COUT2
BULK VENDOR
VALUE
PART NUMBER
CIN
BULK VENDOR
VALUE
PART NUMBER
TDK
22μF 6.3V
C3216X7SOJ226M
Sanyo POSCAP
1000μF 2.5V
2R5TPD1000M5
Sanyo
56μF 25V
25SVP56M
Murata
22μF 16V
GRM31CR61C226KE15L
Sanyo POSCAP
470μF 2.5V
2R5TPD470M5
TDK
100μF 6.3V
C4532X5ROJ107MZ
Sanyo POSCAP
470μF 6.3V
6TPD470M
Murata
100μF 6.3V
GRM32ER60J107M
Sanyo POSCAP
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)**
COUT1 (CERAMIC) AND
COUT2 (CER AND BULK)
CFF
(pF)
CCOMP
(pF)
VIN
(V)
DROOP
(mV)
PEAK TO
PEAK
DEVIATION
(mV)
RECOVERY
TIME(μs)
LOAD
STEP
(A/μs)
RFB
(kΩ)
FREQ.
(kHz)
1
22μF
× 3
56μF
100μF
× 2, 1000μF
68
150
5,12
50
100
30
7.5
90.9
400
1
22μF
× 3
56μF
100μF
× 2, 470μF × 2
82
150
5,12
50
100
20
7.5
90.9
400
1
22μF
× 3
56μF
100μF
× 4
82
33
5,12
52
108
18
7.5
90.9
400
1.2
22μF
× 3
56μF
100μF
× 2, 1000μF
82
150
5,12
40
80
20
7.5
60.4
400
1.2
22μF
× 3
56μF
100μF, 470μF
82
150
5,12
60
120
20
7.5
60.4
400
1.2
22μF
× 3
56μF
100μF
× 2, 470μF × 2
82
150
5,12
40
80
25
7.5
60.4
400
1.2
22μF
× 3
56μF
100μF
× 4
82
33
5,12
50
114
20
7.5
60.4
400
1.5
22μF
× 3
56μF
100μF
× 2, 1000μF
82
150
5,12
60
120
23
7.5
40.2
400
1.5
22μF
× 3
56μF
100μF, 470μF
82
47
5,12
67
130
20
7.5
40.2
400
1.5
22μF
× 3
56μF
100μF
× 2, 470μF × 2
82
150
5,12
60
120
25
7.5
40.2
400
1.5
22μF
× 3
56μF
100μF
× 3
82
33
5,12
65
130
20
7.5
40.2
400
1.8
22μF
× 3
56μF
100μF
× 2, 1000μF
68
150
5,12
64
130
25
7.5
30.1
400
1.8
22μF
× 3
56μF
100μF, 470μF
82
150
5,12
76
135
22
7.5
30.1
400
1.8
22μF
× 3
56μF
100μF
× 2
82
none
5,12
66
132
20
7.5
30.1
400
2.5
22μF
× 3
56μF
100μF
× 2
82
none
5,12
88
164
30
7.5
19.1
500
2.5
22μF
× 3
56μF
100μF, 470μF
82
150
5,12
100
200
25
7.5
19.1
500
3.3
22μF
× 3
56μF
100μF
× 2
82
none
5,12
100
200
30
7.5
13.3
600
3.3
22μF
× 3
56μF
100μF, 470μF
82
150
5,12
100
200
30
7.5
13.3
600
5
22μF
× 3
56μF
100μF
× 2
68
none
12
125
250
20
7.5
8.25
700
5
22μF
× 3
56μF
470μF
47
150
12
125
250
25
7.5
8.25
700
** Bulk capacitance is optional if VIN has very low input impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com