Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3659/14SO Datasheet(PDF) 1 Page - 3M Electronics

Part # 3659/14SO
Description  3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3659/14SO Datasheet(HTML) 1 Page - 3M Electronics

  3659/14SO Datasheet HTML 1Page - 3M Electronics 3659/14SO Datasheet HTML 2Page - 3M Electronics 3659/14SO Datasheet HTML 3Page - 3M Electronics 3659/14SO Datasheet HTML 4Page - 3M Electronics 3659/14SO Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Flat Cable
.050" 28 AWG Stranded, Mass Terminatable, PVC/PVC
3659 Series
• Round construction permits easier routing
• 28 AWG wire on .050 inch pitch permits mass
termination to broad line of IDC connectors
• Continuous split/bond repeat allows for mass
termination on 2.4 inch centers (approximate)
• Primary cable is zippable for branching or discrete
terminations
• Meets external wiring requirements of National
Electrical Code, Article 725 (CL2)
• UL listed for USA and Canadian markets
• Dual shielding provides 35 db average shielding
effectiveness
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 11, 2009
TS-0083-B
Sheet 1 of 2
Physical
Jacket Material: Polyvinyl Chloride (PVC)
Color: Black
Primary Material: PVC
Color: Gray
Marking Standard: (UL) CL2 75C 28 AWG or AWM 20267 3M NU
C
AWM IIA/B 80C 300V FT1 EU <50V
Conductors: 28 AWG, 7 × 36 AWG [ 7 × Ø 0.127 ] Tinned Stranded Copper
Shielding: 0.001 [ 0.03 ] Thick Aluminum/Polyester Film Foil and
90% Coverage Tinned Copper Braid
Electrical
Voltage Rating: USA: N.E.C. 725, CL2 or AWM; 300V Canada: 300V EU: <50V
Insulation Resistance: > 1 × 1010
Ω/10 ft. [ 3m ]
Characteristic Impedance: Unbalanced
Balanced
62
Ω
106
Ω
Capacitance: 27.7 pF/ft [ 90.88 pF/m ] 15.2 pF/ft [ 49.9 pF/m ]
Inductance: 0.11 μΗ/ft [ 0.35 μH/m ] 0.17 μΗ/ft [ 0.57 μd/m ]
Propagation Delay: 1.72 ns/ft [ 5.64 ns/m ]
1.62 ns/ft [ 5.31 ns/m ]
Velocity of Propagation: 59%
62%
Note: Unbalanced is measured between ground-signal-ground conductors with shield grounded. Balanced is measured between signal conductors within a pair, with the shield floating.
Environmental
Temperature Rating: USA: -20° C to +105° C
Canada: -20° C to +80° C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E118773, Power Limited Circuit Cable: CL2 (or AWM Style 20267)


Similar Part No. - 3659/14SO

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659/14 3M-3659/14 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
More results

Similar Description - 3659/14SO

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
3659 3M-3659 Datasheet
35Kb / 2P
050, Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com